Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE94-51XG5-S Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # EE94-51XG5-S
Description  SURFACE MOUNT 3.3V LVPECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

EE94-51XG5-S Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  EE94-51XG5-S Datasheet HTML 1Page - Connor-Winfield Corporation EE94-51XG5-S Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Connor Winfield EE94-
5xxG5-series is a fixed frequency
10 pad surface mount Crystal
Controlled Oscillator (XO)
designed for applications
requiring low jitter and tight
frequency stability. Operating at
3.3V supply voltage, the EE94-
5xxG5-series provides option for
LVPECL differential outputs
and/or an enable / disable
function.
1
2
EE94-543G5 - 155.52MHz
LVPECL
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
OVERALL FREQUENCY TOLERANCE:
EE94-51xG5 - ±25PPM
EE94-52xG5 - ±50PPM
EE94-53xG5 - ±100PPM
EE94-54xG5 - ±20PPM
TEMPERATURE RANGE: 0 to 70
LVPECL DIFFERENTIAL OUTPUTS
ENABLE/DISABLE FUNCTION
LOW JITTER <1pS RMS
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS 5/6 COMPLIANT
°C
SURFACE MOUNT 3.3V LVPECL CLOCK
EE94-51xG5-Series
EE94-52xG5-Series
EE94-53xG5-Series
EE94-54xG5-Series
Ec230
01
07/27/06
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
MODEL SPECIFICATIONS :
TABLE 2.0
MODEL EE94-51*G5
* Added pin connection option number. See table 8
Center Frequency
(Fo)
13
-
167
MHz
Total Frequency Tolerance
-25
25
ppm
1
MODEL EE94-52*G5
* Added pin connection option number. See table 8
Center Frequency
(Fo)
13
-
200
MHz
Total Frequency Tolerance
-50
50
ppm
1
MODEL EE94-53*G5
* Added pin connection option number. See table 8
Center Frequency
(Fo)
13
-
200
MHz
Total Frequency Tolerance
-100
100
ppm
1
MODEL EE94-54*G5
* Added pin connection option number. See table 8
Center Frequency
(Fo)
13
-
167
MHz
Total Frequency Tolerance
-20
20
ppm
1
OPERATING SPECIFIC ATIONS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
60
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
1
pS RMS
SSB Phase Noise at 100Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-100
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-130
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-140
-
dBc/Hz
ENABLE / DISABLE INPUT CHARACTERISTICS
Disable Input Voltage (High)
(Vih)
2.275
-
-
Vdc
2
Enable Input Voltage (Low)
(Vil)
-
-
1.68
Vdc
2
LVPECL OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
1
ns
PROCESS RECOMMENDATIONS
TABLE 6.0
Soldering Process
See solder profile page 2.
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed, leadless ceramic package.
CW
0629
EE94-543G5
155.52M
CW
0629
EE94-543G5
155.52M
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS


Similar Part No. - EE94-51XG5-S

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EE94-510 CONNOR-WINFIELD-EE94-510 Datasheet
109Kb / 2P
   SURFACE MOUNT 3.3V PECL
EE94-511 CONNOR-WINFIELD-EE94-511 Datasheet
109Kb / 2P
   SURFACE MOUNT 3.3V PECL
EE94-512 CONNOR-WINFIELD-EE94-512 Datasheet
109Kb / 2P
   SURFACE MOUNT 3.3V PECL
EE94-513 CONNOR-WINFIELD-EE94-513 Datasheet
109Kb / 2P
   SURFACE MOUNT 3.3V PECL
EE94-514 CONNOR-WINFIELD-EE94-514 Datasheet
109Kb / 2P
   SURFACE MOUNT 3.3V PECL
More results

Similar Description - EE94-51XG5-S

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
FPLD64BEX CONNOR-WINFIELD-FPLD64BEX Datasheet
238Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
EML5443G CONNOR-WINFIELD-EML5443G Datasheet
214Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com