Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT150-2MA Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SMT150-2MA
Description  Surface Mount Transformer/Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SMT150-2MA Datasheet(HTML) 1 Page - Frontier Electronics.

  SMT150-2MA Datasheet HTML 1Page - Frontier Electronics. SMT150-2MA Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Xfmr: P/N SMTxxx-series
Rev. A
Jan, 01, 2006. Page 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Surface Mount Transformer/Inductor
A. Mechanical dimension:
Size(Type)
A
B
C
D
E
F
G
1
12.5
9.5
5.8
5.13
3
2.5
2
2
14.5
12
7
6.38
4.5
2.5
2.8
1M
12.5
9.5
5.8
5.13
3
2.5
2
2M
14.5
12
7
6.38
4.5
2.5
2.8
a.)
Mechanical drawing and pin positions:
b.) Part number key:
SMT xxx –y z A
“Z”: “Blank” for iron powder core.
“M” for high frequency, low loss Sendust core material.
“1” & “ 2”: for the size of core and housing.
“xxx”: for parallel inductance value (uH).
“SMT”: Surface Mount Transformer (Inductor)
B. Schematic:
Note:
RoHS compliant; for the RoHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - SMT150-2MA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SMT1500I SCHNEIDER-SMT1500I Datasheet
135Kb / 3P
   APC Smart-UPS 1500VA LCD 230V
May 8, 2018
SMT1500RM2UNC SCHNEIDER-SMT1500RM2UNC Datasheet
76Kb / 3P
   APC Smart-UPS 1500VA LCD RM 2U 120V with Network Card (Not for sale in CO, VT or WA)
SMT1500RMI2U SCHNEIDER-SMT1500RMI2U Datasheet
82Kb / 3P
   APC Smart-UPS 1500VA LCD RM 2U 230V
SMT1500X413 SCHNEIDER-SMT1500X413 Datasheet
114Kb / 4P
   APC Smart-UPS 1500VA LCD 120V Audible Alarm Disabled (Not for sale in CO, VT or WA)
Jul 21, 2021
SMT1500X448 SCHNEIDER-SMT1500X448 Datasheet
96Kb / 4P
   APC Smart-UPS 1500VA LCD 120V with AP9631 Installed (Not for sale in CO, VT or WA)
Jul 21, 2021
More results

Similar Description - SMT150-2MA

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-31302 RHOMBUS-IND-L-31302 Datasheet
17Kb / 1P
   Surface Mount Multiple Winding Inductor/Transformer
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-25UH PDI-XFA-0101-25UH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4W PDI-XFA-0301-4W Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFK-0401-4W PDI-XFK-0401-4W Datasheet
52Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-1BH PDI-XFA-0101-1BH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-16U PDI-XFA-0101-16U Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-2WH PDI-XFA-0301-2WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4B PDI-XFA-0301-4B Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0401-4WH PDI-XFA-0401-4WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com