Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP128ARTQT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP128ARTQT
Description  DisplayPort 1:2 Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP128ARTQT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75DP128ARTQT Datasheet HTML 2Page - Texas Instruments SN75DP128ARTQT Datasheet HTML 3Page - Texas Instruments SN75DP128ARTQT Datasheet HTML 4Page - Texas Instruments SN75DP128ARTQT Datasheet HTML 5Page - Texas Instruments SN75DP128ARTQT Datasheet HTML 6Page - Texas Instruments SN75DP128ARTQT Datasheet HTML 7Page - Texas Instruments SN75DP128ARTQT Datasheet HTML 8Page - Texas Instruments SN75DP128ARTQT Datasheet HTML 9Page - Texas Instruments SN75DP128ARTQT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DEVICE POWER
ELECTRICAL CHARACTERISTICS
HOT PLUG AND CABLE ADAPTER DETECT
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN75DP128A
SLLS940 – NOVEMBER 2008............................................................................................................................................................................................ www.ti.com
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
NOM
MAX
UNIT
VI
Input voltage
0
3.6
V
dR
Data rate
1
MHz
HPD, CAD, AND CONTROL PINS
VIH
High-level input voltage
2
5.25
V
VIL
Low-level input voltage
0
0.8
V
The SN75DP128A is designed to operate off a single 5V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LP = 5V, VDD
*1 = V
DD
ML: VID = 600 mV, 2.7 Gbps PRBS
IDD
Supply current
60
65
mA
AUX: VID = 500 mV, 1 Mbps PRBS
HPD/CAD A and B = 5 V
IDD
*1
Supply current
VDD
*1 = 5.25 V
0.1
4
mA
ISD
Shutdown current
LP = 0 V
1
16
µA
The SN75DP128A is designed to support the switching of the Hot Plug Detect and Cable adapter Detect signals.
The SN75DP128A has a built in level shifter for the HPD and CAD outputs. The output voltage level of the HPD
and CAD pins is defined by the voltage level of the VDD
*1 pin. Explanation of HPD and the internal logic of the
SN75DP128A is located in the application section at the end of the data sheet.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH5
High-level output voltage
IOH = –100 µA,
VDD
*1 = 5 V
4.5
5
V
VOH3.3
High-level output voltage
IOH = –100 µA,
VDD
*1 = 3.3 V
3
3.3
V
VOH2.5
High-level output voltage
IOH = –100 µA,
VDD
*1 = 2.5 V
2.25
2.5
V
VOH1.8
High-level output voltage
IOH = –100 µA,
VDD
*1 = 1.8 V
1.62
1.8
V
VOL
Low-level output voltage
IOH = 100 µA
0
0.4
V
IH
High-level input current
VIH = 2.0 V,
VDD = 5.25 V
–10
10
µA
IL
Low-level input current
VIL = 0.8 V,
VDD = 5.25 V
–10
10
µA
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD(CAD)
Propagation delay
VDD
*1 = 5 V
5
30
ns
tPD(HPD)
Propagation delay
VDD
*1 = 5 V
30
110
ns
tT1(HPD)
HPD logic switch pause time
VDD
*1 = 5 V
2
4.7
ms
tT2(HPD)
HPD logic switch time
VDD
*1 = 5 V
170
400
ms
tM(HPD)
Minimum output pulse duration
VDD
*1 = 5 V
100
ns
tZ(HPD)
Low Power to High-level propagation delay
VDD
*1 = 5 V
30
50
110
ns
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75DP128A


Similar Part No. - SN75DP128ARTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128RTQR TI-SN75DP128RTQR Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128RTQRG4 TI-SN75DP128RTQRG4 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128RTQT TI-SN75DP128RTQT Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128RTQTG4 TI-SN75DP128RTQTG4 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
More results

Similar Description - SN75DP128ARTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com