Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC1120-335K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # STC1120-335K
Description  RFID Transponder Coils
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

STC1120-335K Datasheet(HTML) 1 Page - Frontier Electronics.

  STC1120-335K Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RFID Transponder Coils STC1120-series
Rev. B
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
RFID Transponder Coils—STC1120-Series
A. Electrical specification:
Part Number.
L (mH)
Test Freq
(KHz)
Q
(Min)
Read
distance
(in./cm)
Sensitivity
(mV/µT)
Matching
Capacitor
(pF)
DCR
Max
(Ω)
SRF Typ.
(KHz)
STC1120-374K
0.37
125
26
22/55.9
9.82
4380
6.5
1800
STC1120-404K
0.40
125
26
23/58.4
10.38
4050
7.1
5000
STC1120-704K
0.70
125
20
25/63.5
13.96
2320
19
6600
STC1120-904K
0.90
125
22
26/66.0
16.06
1800
21
4800
STC1120-115K
1.08
125
24
30/76.2
17.78
1500
24
4300
STC1120-205K
1.97
125
28
34/86.4
24.90
823
31
1750
STC1120-245K
2.38
125
30
37/94.0
28.21
681
34
1700
STC1120-295K
2.89
125
30
37/94.0
32.12
561
42
1900
STC1120-335K
3.30
125
30
38/96.5
34.96
491
48
1425
STC1120-415K
4.15
125
27
39/99.1
41.35
391
70
1620
STC1120-495K
4.90
125
26
38/96.5
47.17
331
93
1150
STC1120-685K
6.80
125
28
41/104.1
61.71
238
110
1080
STC1120-715K
7.10
125
27
42/106.7
65.60
228
114
1050
STC1120-725K
7.20
125
28
40/101.6
66.67
225
114
965
STC1120-815K
8.10
125
28
42/106.7
75.08
200
125
965
STC1120-905K
9.00
125
30
40/101.6
84.64
180
125
725
B. Mechanical dimensions: (Unit: mm)
STC1120-series
C. General Information:
1. Tolerance: K = ± 10%.
2. Electrical specifications at 25ºC.
3. Operating temperature: -40ºC to +125ºC.
4. L measured with HP 4284A LCR meter.
5. SRF measured with HP 4291B or HP 8753E.
6. DCR measured with 502BC milli-OHM meter.
7. Read distance measured with KEELOQ Transponder Evaluation Kit part number DM303005 from Microchip.
Distance was record as the voltage across the resonant circuit dropped below 10mV.
8. Sensitivity measured in accordance with Frontier Electronics Corp. application note “Measuring Sensitivity of
Transponder Coils”
9.
Matching capacitor vale required for parallel resonant circuit operating at 125 KHz.
Note:
RoHS compliant; for the RoHS parts, we add “-LFR” at the end of the P/N.
Max


Similar Part No. - STC1120-335K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results

Similar Description - STC1120-335K

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
   RFID Transponder Coils
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
5315TC-725XGLD COILCRAFT-5315TC-725XGLD Datasheet
129Kb / 2P
   RFID Transponder Coils - 5315TC
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
   Chip RFID Transponder Coils
logo
Coilcraft lnc.
4312RV-905XGLB COILCRAFT-4312RV-905XGLB Datasheet
122Kb / 2P
   RFID Transponder Coils - 4312RV
ZXC-255XJL COILCRAFT-ZXC-255XJL Datasheet
191Kb / 2P
   Z-Axis RFID Transponder Coils
logo
AIT Components Ltd.
GS4308I-401 AITCOMPONENTS-GS4308I-401 Datasheet
125Kb / 1P
   Surface Mount RFID Transponder Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com