Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS83C51RD2-VCA Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TS83C51RD2-VCA
Description  High Performance 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS83C51RD2-VCA Datasheet(HTML) 2 Page - ATMEL Corporation

  TS83C51RD2-VCA Datasheet HTML 1Page - ATMEL Corporation TS83C51RD2-VCA Datasheet HTML 2Page - ATMEL Corporation TS83C51RD2-VCA Datasheet HTML 3Page - ATMEL Corporation TS83C51RD2-VCA Datasheet HTML 4Page - ATMEL Corporation TS83C51RD2-VCA Datasheet HTML 5Page - ATMEL Corporation TS83C51RD2-VCA Datasheet HTML 6Page - ATMEL Corporation TS83C51RD2-VCA Datasheet HTML 7Page - ATMEL Corporation TS83C51RD2-VCA Datasheet HTML 8Page - ATMEL Corporation TS83C51RD2-VCA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
2
4188F–8051–01/08
AT/TS8xC51Rx2
facilitates multiprocessor communication (EUART) and an X2 speed improvement mechanism.
The fully static design of the TS80C51Rx2 allows to reduce system power consumption by
bringing the clock frequency down to any value, even DC, without loss of data.
The TS80C51Rx2 has 2 software-selectable modes of reduced activity for further reduction in
power consumption. In the idle mode the CPU is frozen while the timers, the serial port and the
interrupt system are still operating. In the power-down mode the RAM is saved and all other
functions are inoperative.
PDIL40
PLCC44
VQFP44 1.4
ROM (bytes)
EPROM (bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
TS80C51RA2
TS80C51RD2
0
0
0
0
256
768
512
1024
32
32
TS83C51RB2
TS83C51RC2
TS83C51RD2
16k
32k
64k
0
0
0
256
256
768
512
512
1024
32
32
32
TS87C51RB2
TS87C51RC2
TS87C51RD2
0
0
0
16k
32k
64k
256
256
768
512
512
1024
32
32
32
PLCC68
VQFP64 1.4
ROM (bytes)
EPROM (bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
TS80C51RD2
0
0
768
1024
48
TS83C51RD2
64k
0
768
1024
48
TS87C51RD2
0
64k
768
1024
48


Similar Part No. - TS83C51RD2-VCA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
TS83C51RD2-VCA IRF-TS83C51RD2-VCA Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS83C51RD2-VCA ATMEL-TS83C51RD2-VCA Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
More results

Similar Description - TS83C51RD2-VCA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com