Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL321611-3R3K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FL321611-3R3K
Description  Multi-layers Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FL321611-3R3K Datasheet(HTML) 1 Page - Frontier Electronics.

  FL321611-3R3K Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-Layer Chip Inductors: P/N FL3216 (1206)-series
Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
Multi-layers Chip Inductors--FL3216 (1206) series—Standard Ferrite
A. Electrical specifications:
Part Number
L (uH)
Q Min.
Test Freq. (MHz) SRF min. (MHz)
DCR Max. (
Ω)
I rms. (mA)
FL321611-47NM
0.047
20
50
320
0.15
300
FL321611-68NM
0.068
20
50
280
0.25
300
FL321611-R10K
0.10
20
25
235
0.25
250
FL321611-R12K
0.12
20
25
220
0.30
250
FL321611-R15K
0.15
20
25
200
0.30
250
FL321611-R18K
0.18
20
25
185
0.40
250
FL321611-R22K
0.22
20
25
170
0.40
250
FL321611-R27K
0.27
20
25
150
0.50
250
FL321611-R33K
0.33
20
25
145
0.60
250
FL321611-R39K
0.39
25
25
135
0.50
200
FL321611-R47K
0.47
25
25
125
0.60
200
FL321611-R56K
0.56
25
25
115
0.70
150
FL321611-R68K
0.68
25
25
105
0.80
150
FL321611-R82K
0.82
25
25
100
0.90
150
FL321611-1R0K
1.0
45
10
75
0.40
100
FL321611-1R2K
1.2
45
10
65
0.50
100
FL321611-1R5K
1.5
45
10
60
0.50
50
FL321611-1R8K
1.8
45
10
55
0.50
50
FL321611-2R2K
2.2
45
10
50
0.60
50
FL321611-2R7K
2.7
45
10
45
0.60
50
FL321611-3R3K
3.3
45
10
41
0.70
50
FL321611-3R9K
3.9
45
10
38
0.80
50
FL321611-4R7K
4.7
45
10
35
0.90
50
FL321611-5R6K
5.6
50
4
32
0.70
25
FL321611-6R8K
6.8
50
4
29
0.80
25
FL321611-8R2K
8.2
50
4
26
0.90
25
FL321611-100K
10
50
2
24
1.00
25
FL321611-120K
12
50
2
22
1.05
15
FL321616-150K
15
35
1
19
0.70
5
FL321616-180K
18
35
1
18
0.70
5
FL321616-220K
22
35
1
16
0.90
5
FL321616-270K
27
35
1
14
0.90
5
FL321616-330K
33
35
1
13
1.05
5
B. Dimensions: [Unit: mm /(inch)]
P/N & Package Size
A
B
C
D
FL321611 (1206)
3.2 ± 0.2 (0.126 ± .008)
1.6 ± 0.2 (0.063 ± 0.008)
1.1±0.2 (0.043 ± 0.008)
0.5±0.3 (0.020 ± 0.012)
FL321616 (1206)
3.2 ± 0.2 (0.126 ± 0.008)
1.6 ± .02 (0.063 ± 0.008)
1.6 ± 0.2 (0.063 ± 0.008)
0.5 ± 0.3 (0.020 ± 0.012)
C. Part Number Key & Mechanical drawing:
D. Features:
1.
Tolerance: M: ±20%, L: ± 15%, K: ±10%.
2.
The product’s material: Ferrite.
3.
No cross coupling between inductors due to magnetic shield. Ideal for high-density installation.
4.
Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
5.
The completely monolithic structure gives high reliability and allows high SRF.
6.
Operating temperature range:-25
°C to +85°C, both flow and IR re-flow application are possible.
7.
Inductance Range:
*FL3216 (1206) Series: Multi-layer Ferrite Chip Inductor, from 0.047 uH (300mA) to 12.0 uH (15mA)
8.
RoHS compliant.


Similar Part No. - FL321611-3R3K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FL321611 FRONTIER-FL321611 Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results

Similar Description - FL321611-3R3K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF2012 FRONTIER-TF2012 Datasheet
36Kb / 1P
   Multi-layers Chip Inductors
TF160808 FRONTIER-TF160808 Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
FL2012 FRONTIER-FL2012 Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
FL160808 FRONTIER-FL160808 Datasheet
35Kb / 1P
   Multi-layers Chip Inductors
TF100505 FRONTIER-TF100505 Datasheet
92Kb / 1P
   Multi-layers Chip Inductors
logo
Bourns Electronic Solut...
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
   Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
   Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
   Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
   Multi-Layer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com