Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSH1260S-4R0M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSH1260S-4R0M
Description  SMD Power Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSH1260S-4R0M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSH1260S-4R0M Datasheet HTML 1Page - Frontier Electronics. CSH1260S-4R0M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Power Choke: P/N CSH1260S-series
Rev. A
Aug. 10, 2004. Page: 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Power Choke—CSH1260S series
A. Electrical specifications:
Part No.
Mark
L (uH)
± 20%
Test Freq.
DCR
(m
Ω max.)
I Sat.
(A)
I rms.
(A)
CSH1260S-1R5M
1R5
1.50
100KHz
2.50
14.0
16.5
CSH1260S-2R5M
2R5
2.50
100KHz
3.40
10.0
15.5
CSH1260S-4R0M
4R0
4.00
100KHz
5.40
8.3
12.5
CSH1260S-6R0M
6R0
6.00
100KHz
8.00
6.7
9.9
CSH1260S-8R2M
8R2
8.00
100KHz
11.4
5.8
8.2
CSH1260S-100M
100
10.0
100KHz
13.5
5.0
7.6
B. Mechanical dimensions: (Unit: mm)
Mechanical dimensions
Land pattern
C. Schematics:
D. Features:
1. Tolerance: M: ± 20%, L: ± 15%, K: ± 10%.
2. Operating temperature: -30
°C TO +100°C.
3. Inductance measured on the HP4284A LCR meter.
4. DCR measured on the 502BC milli-ohm meter.
5. Inductance drops no more than 25% at rated current applied or temperature increases ∆ t < 40ºC.
6. Flat stack wire wound perpendicular to the center of the core.
7. Inductance and Current range:
a.) CSS1260S: From 1.50uH(16.5A) to 10.0uH(7.6A).
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.
1
3
2
12.5±0.4
5.6 MAX
4.0
4.2
4.2
4.0
13.5
1
2
3


Similar Part No. - CSH1260S-4R0M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1260S FRONTIER-CSH1260S Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results

Similar Description - CSH1260S-4R0M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1250S FRONTIER-CSH1250S Datasheet
159Kb / 2P
   SMD Power Choke
CSN042C FRONTIER-CSN042C Datasheet
163Kb / 2P
   SMD Power Choke
CSN042A FRONTIER-CSN042A Datasheet
154Kb / 2P
   SMD Power Choke
CSN1485F FRONTIER-CSN1485F Datasheet
133Kb / 1P
   SMD Power Choke
CSC042A FRONTIER-CSC042A Datasheet
155Kb / 2P
   SMD Power Choke
CSS042C FRONTIER-CSS042C Datasheet
136Kb / 2P
   SMD Power Choke
CST042C FRONTIER-CST042C Datasheet
164Kb / 2P
   SMD Power Choke
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Frontier Electronics.
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
   SMD Power Choke (Shielded)
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com