Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1780DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1780DRG4
Description  70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1780DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD1780DRG4 Datasheet HTML 2Page - Texas Instruments SN65HVD1780DRG4 Datasheet HTML 3Page - Texas Instruments SN65HVD1780DRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1780DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1780DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1780DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1780DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1780DRG4 Datasheet HTML 9Page - Texas Instruments SN65HVD1780DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SWITCHING CHARACTERISTICS
SN65HVD1780
SN65HVD1781
SN65HVD1782
SLLS877E – DECEMBER 2007 – REVISED SEPTEMBER 2008 ...................................................................................................................................... www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER (HVD1780)
tr, tf
Driver differential output rise/fall time
0.4
1.7
2.6
µs
tPHL, tPLH
Driver propagation delay
0.8
2
µs
RL = 54 Ω, CL = 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
20
250
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
0.1
5
µs
See Figure 4 and
Receiver enabled
0.2
3
Figure 5
tPZH, tPZL
Driver enable time
µs
Receiver disabled
3
12
DRIVER (HVD1781)
tr, tf
Driver differential output rise/fall time
50
300
ns
tPHL, tPLH
Driver propagation delay
200
ns
RL = 54 Ω, CL = 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
25
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
3
µs
See Figure 4 and
Receiver enabled
300
ns
Figure 5
tPZH, tPZL
Driver enable time
Receiver disabled
10
µs
DRIVER (HVD1782)
All VCC and Temp
50
tr, tf
Driver differential output rise/fall time
ns
VCC > 4.5V and
16
T < 105°C
RL = 54 Ω,
CL = 50 pF
tPHL, tPLH
Driver propagation delay
55
ns
See Figure 3
Driver differential output pulse skew,
tSK(P)
10
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
3
µs
See Figure 4 and
Receiver enabled
300
ns
Figure 5
tPZH, tPZL
Driver enable time
Receiver disabled
9
µs
RECEIVER (ALL DEVICES UNLESS OTHERWISE NOTED)
tr, tf
Receiver output rise/fall time
All devices
4
15
ns
HVD1780,
100
200
HVD1781
tPHL, tPLH
Receiver propagation delay time
ns
CL = 15 pF,
HVD1782
80
See Figure 6
HVD1780,
6
20
Receiver output pulse skew,
HVD1781
tSK(P)
ns
|tPHL – tPLH|
HVD1782
5
tPLZ, tPHZ
Receiver disable time
Driver enabled, See Figure 7
15
100
ns
tPZL(1), tPZH(1)
Driver enabled, See Figure 7
80
300
ns
Receiver enable time
tPZL(2), tPZH(2)
Driver disabled, See Figure 8
3
9
µs
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1780 SN65HVD1781 SN65HVD1782


Similar Part No. - SN65HVD1780DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1780QDRQ1 TI1-SN65HVD1780QDRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1780DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com