Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1780DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1780DR
Description  70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1780DR Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD1780DR Datasheet HTML 1Page - Texas Instruments SN65HVD1780DR Datasheet HTML 2Page - Texas Instruments SN65HVD1780DR Datasheet HTML 3Page - Texas Instruments SN65HVD1780DR Datasheet HTML 4Page - Texas Instruments SN65HVD1780DR Datasheet HTML 5Page - Texas Instruments SN65HVD1780DR Datasheet HTML 6Page - Texas Instruments SN65HVD1780DR Datasheet HTML 7Page - Texas Instruments SN65HVD1780DR Datasheet HTML 8Page - Texas Instruments SN65HVD1780DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ELECTRICAL CHARACTERISTICS
SN65HVD1780
SN65HVD1781
SN65HVD1782
SLLS877E – DECEMBER 2007 – REVISED SEPTEMBER 2008 ...................................................................................................................................... www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA < 85°C
1.5
RL = 60 Ω, 4.75 V ≤ VCC 375 Ω
on each output to –7 V to 12 V
TA <
1.4
Figure 1
125°C
TA < 85°C
1.7
2
RL = 54 Ω,
TA <
4.75 V
≤ VCC ≤ 5.25 V
1.5
|VOD|
Driver differential output voltage magnitude
125°C
V
RL = 54 Ω,
0.8
1
3.15 V
≤ VCC ≤ 3.45 V
TA < 85°C
2.2
2.5
RL = 100 Ω,
TA <
4.75 V
≤ VCC ≤ 5.25 V
2
125°C
Change in magnitude of driver differential output
Δ|VOD|
RL = 54 Ω
–50
0
50
mV
voltage
VOC(SS Steady-state common-mode output voltage
1
VCC/2
3
V
)
Change in differential driver output
ΔVOC
–50
0
50
mV
common-mode voltage
VOC(PP Peak-to-peak driver common-mode output
Center of two 27-
Ω load resistors,
500
mV
)
voltage
See Figure 2
COD
Differential output capacitance
23
pF
Positive-going receiver differential input voltage
VIT+
–100
–35
threshold
Negative-going receiver differential input voltage
VIT–
–180
–150
mV
threshold
Receiver differential input voltage threshold
VHYS
30
50
hysteresis (VIT+ – VIT–)
VCC
VOH
Receiver high-level output voltage
IOH = –8 mA
2.4
V
– 0.3
TA < 85°C
0.2
0.4
VOL
Receiver low-level output voltage
IOL = 8 mA
V
TA < 125°C
0.5
II(LOGI
Driver input, driver enable, and receiver enable
–50
50
µA
C)
input current
IOZ
Receiver output high-impedance current
VO = 0 V or VCC, RE at VCC
–1
1
µA
IOS
Driver short-circuit output current
–200
200
mA
1780,
75
100
1781
VI = 12 V
1782
400
500
VCC = 3.15 to 5.5 V or
II(BUS)
Bus input current (disabled driver)
µA
VCC = 0 V, DE at 0 V
1780,
–60
–40
1781
VI = –7 V
1782
-400
-300
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1780 SN65HVD1781 SN65HVD1782


Similar Part No. - SN65HVD1780DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1780QDRQ1 TI1-SN65HVD1780QDRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1780DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com