Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1T45-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45-EP
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1T45-EP Datasheet HTML 2Page - Texas Instruments SN74LVC1T45-EP Datasheet HTML 3Page - Texas Instruments SN74LVC1T45-EP Datasheet HTML 4Page - Texas Instruments SN74LVC1T45-EP Datasheet HTML 5Page - Texas Instruments SN74LVC1T45-EP Datasheet HTML 6Page - Texas Instruments SN74LVC1T45-EP Datasheet HTML 7Page - Texas Instruments SN74LVC1T45-EP Datasheet HTML 8Page - Texas Instruments SN74LVC1T45-EP Datasheet HTML 9Page - Texas Instruments SN74LVC1T45-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Switching Characteristics
Switching Characteristics
SN74LVC1T45-EP
SCES768 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 1)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
±0.15 V
±0.2 V
±0.3 V
±0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3
20.7
2.2
13.3
1.7
11.3
1.4
10.2
A
B
ns
tPHL
2.8
17.3
2.2
11.5
1.8
10.1
1.7
10
tPLH
3
20.7
2.3
19
2.1
18.5
1.9
18.1
B
A
ns
tPHL
2.8
17.3
2.1
15.9
2
18.6
1.8
15.2
tPHZ
5.2
22.4
4.8
21.5
4.7
21.4
5.1
20.1
DIR
A
ns
tPLZ
2.3
13.5
2.1
13.5
2.4
13.7
3.1
13.9
tPHZ
7.4
24.9
4.9
14.5
4.6
13.3
2.8
11.2
DIR
B
ns
tPLZ
4.2
19
3.7
12.2
3.3
11.4
2.4
10.4
tPZH
(1)
39.7
31.2
29.9
27.5
DIR
A
ns
tPZL
(1)
42.2
30.4
28.9
26.4
tPZH
(1)
34.2
26.8
25
24.1
DIR
B
ns
tPZL
(1)
39.7
33
31.5
30.1
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 1)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
±0.15 V
±0.2 V
±0.3 V
±0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.3
19
1.5
11.5
1.3
9.4
1.1
8.1
A
B
ns
tPHL
2.1
15.9
1.4
10.5
1.3
8.4
0.9
7.6
tPLH
2.2
13.3
1.5
11.5
1.4
11
1
10.5
B
A
ns
tPHL
2.2
11.5
1.4
10.5
1.3
10
0.9
9.2
tPHZ
3
11.1
3.1
11.1
2.8
11.1
3.2
11.1
DIR
A
ns
tPLZ
1.3
8.9
1.3
8.9
1.3
8.9
1
8.8
tPHZ
6.5
26.7
4.1
14.4
3.9
13.2
2.4
10.1
DIR
B
ns
tPLZ
3.9
21.9
3.2
12.6
2.8
11.4
1.8
8.3
tPZH
(1)
35.2
24.1
22.4
18.8
DIR
A
ns
tPZL
(1)
38.2
24.9
23.2
19.3
tPZH
(1)
27.9
20.4
18.3
16.9
DIR
B
ns
tPZL
(1)
27
21.6
19.5
18.7
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1T45-EP


Similar Part No. - SN74LVC1T45-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results

Similar Description - SN74LVC1T45-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_09 Datasheet
831Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_10 Datasheet
863Kb / 26P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com