Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1780_0809 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65HVD1780_0809
Description  70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1780_0809 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD1780_0809 Datasheet HTML 1Page - Texas Instruments SN65HVD1780_0809 Datasheet HTML 2Page - Texas Instruments SN65HVD1780_0809 Datasheet HTML 3Page - Texas Instruments SN65HVD1780_0809 Datasheet HTML 4Page - Texas Instruments SN65HVD1780_0809 Datasheet HTML 5Page - Texas Instruments SN65HVD1780_0809 Datasheet HTML 6Page - Texas Instruments SN65HVD1780_0809 Datasheet HTML 7Page - Texas Instruments SN65HVD1780_0809 Datasheet HTML 8Page - Texas Instruments SN65HVD1780_0809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PACKAGE DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
SN65HVD1780
SN65HVD1781
SN65HVD1782
www.ti.com ...................................................................................................................................... SLLS877E – DECEMBER 2007 – REVISED SEPTEMBER 2008
VALUE
UNIT
VCC
Supply voltage
–0.5 to 7
V
Voltage range at A and B inputs
–70 to 70
V
Input voltage range at any logic pin
–0.3 to VCC + 0.3
V
Voltage input range, transient pulse, A and B, through 100
–70 to 70
V
Receiver output current
–24 to 24
mA
TJ
Junction temperature
170
°C
Continuous total power dissipation
See Dissipation Rating Table
IEC 60749-26 ESD (human-body model), bus terminals and GND
±16
kV
JEDEC Standard 22, Test Method A114 (human-body model), bus terminals and GND
±16
kV
JEDEC Standard 22, Test Method A114 (human-body model), all pins
±4
kV
JEDEC Standard 22, Test Method C101 (charged-device model), all pins
±2
kV
JEDEC Standard 22, Test Method A115 (machine model), all pins
±400
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
JEDEC
TA = 125°C
TA < 25°C
DERATING FACTOR
TA = 85°C
TA = 105°C
THERMAL
PACKAGE(1)
RATING
RATING
ABOVE TA = 25°C
RATING
RATING
MODEL
(3.3 V ONLY)
High-K
905 mW
7.25 mW/°C
470 mW
325 mW
180 mW
SOIC (D) 8-pin
Low-K
516 mW
4.1 mW/°C
268 mW
186 mW
103 mW
High-K
2119 mW
16.9 mW/°C
1100mW
763 mW
426 mW
PDIP (P) 8-pin
Low-K
976 mW
7.8 mW/°C
508 mW
352 mW
196 mW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.15
5
5.5
V
VI
Input voltage at any bus terminal (separately or common mode)(1)
–7
12
V
VIH
High-level input voltage (driver, driver enable, and receiver enable inputs)
2
VCC
V
VIL
Low-level input voltage (driver, driver enable, and receiver enable inputs)
0
0.8
V
VID
Differential input voltage
–12
12
V
Output current, driver
–60
60
mA
IO
Output current, receiver
–8
8
mA
RL
Differential load resistance
54
60
CL
Differential load capacitance
50
pF
HVD1780
115
kbps
1/tUI
Signaling rate
HVD1781
1
Mbps
HVD1782
10
5-V supply
–40
105
Operating free-air temperature (See
TA
°C
application section for thermal information)
3.3-V supply
–40
125
TJ
Junction temperature
–40
150
°C
(1)
By convention, the least positive (most negative) limit is designated as minimum in this data sheet.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVD1780 SN65HVD1781 SN65HVD1782


Similar Part No. - SN65HVD1780_0809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1780QDRQ1 TI1-SN65HVD1780QDRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1780_0809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com