Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5927IPWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5927IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5927IPWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5927IPWPR Datasheet HTML 5Page - Texas Instruments TLC5927IPWPR Datasheet HTML 6Page - Texas Instruments TLC5927IPWPR Datasheet HTML 7Page - Texas Instruments TLC5927IPWPR Datasheet HTML 8Page - Texas Instruments TLC5927IPWPR Datasheet HTML 9Page - Texas Instruments TLC5927IPWPR Datasheet HTML 10Page - Texas Instruments TLC5927IPWPR Datasheet HTML 11Page - Texas Instruments TLC5927IPWPR Datasheet HTML 12Page - Texas Instruments TLC5927IPWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Electrical Characteristics
TLC5926, TLC5927
www.ti.com ....................................................................................................................................................................................................... SLVS677 – JULY 2008
VDD = 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Supply voltage to the output pins
17
V
VO ≥ 0.6 V
5
IO
Output current
mA
VO ≥ 1 V
120
VIH
High-level input voltage
0.7 × VDD
VDD
V
VIL
Low-level input voltage
GND
03 × VDD
TJ = 25°C
0.5
Ileak
Output leakage current
VOH = 17 V
µA
TJ = 125°C
1
VOH
High-level output voltage
SDO, IOL = –1 mA
VDD – 0.4
V
VOL
Low-level output voltage
SDO, IOH = 1 mA
0.4
V
VOUT = 0.6 V, Rext = 720 Ω,
Output current 1
26
mA
CG = 0.992
IOL = 26 mA, VO = 0.6 V,
IO(1)
Output current error, die-die
±6
%
Rext = 720 Ω, TJ = 25°C
Output current error,
IOL = 26 mA, VO = 0.6 V,
±6
%
channel-to-channel
Rext = 720 Ω, TJ = 25°C
VO = 0.8 V, Rext = 360 Ω,
Output current 2
52
mA
CG = 0.992
IOL = 52 mA, VO = 0.8 V,
IO(2)
Output current error, die-die
±6
%
Rext = 360 Ω, TJ = 25°C
Output current error,
IOL = 52 mA, VO = 0.8 V,
±6
%
channel-to-channel
Rext = 360 Ω, TJ = 25°C
IOUT vs
Output current vs
VO = 1 V to 3 V , IO = 26 mA
±0.1
VOUT
output voltage regulation
%/V
VDD = 3.0 V to 5.5 V,
IOUT vs VDD Output current vs supply voltage
±1
IO = 26 mA/120 mA
Pullup resistance
OE(ED2),
250
500
800
k
Pulldown resistance
LE(ED1),
250
500
800
k
Tsd
Overtemperature shutdown(1)
150
175
200
°C
Thys
Restart temperature hysteresis
15
°C
Threshold current for open error
IOUT,Th
IOUT,target = 5 mA to 120 mA
0.5 × Itarget
%
detection
Trigger threshold voltage for
VOUT,TTh
short-error detection
IOUT,target = 5 mA to 120 mA
2.4
2.6
3.1
V
(TLC5927 only)
Return threshold voltage for
VOUT,RTh
short-error detection
IOUT,target = 5 mA to 120 mA
2.2
V
(TLC5927 only)
OUT0–OUT15 = off, Rext = Open, OE
11
= VIH
OUT0–OUT15 = off, Rext = 720 Ω,
17
OE = VIH
OUT0–OUT15 = off, Rext = 360 Ω,
18
OE = VIH
OUT0–OUT15 = off, Rext = 180 Ω,
IDD
Supply current
25
mA
OE = VIH
OUT0–OUT15 = on, Rext = 720 Ω,
17
OE = VIL
OUT0–OUT15 = on, Rext = 360 Ω,
18
OE = VIL
OUT0–OUT15 = on, Rext = 180 Ω,
25
OE = VIL
(1)
Specified by design
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC5926 TLC5927


Similar Part No. - TLC5927IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5927IPWPR TI-TLC5927IPWPR Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5927IPWPR TI1-TLC5927IPWPR Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5927IPWPRG4 TI-TLC5927IPWPRG4 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5927IPWPRG4 TI1-TLC5927IPWPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
More results

Similar Description - TLC5927IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com