Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM084 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM084
Description  QUAD J-FET INPUT OPERATIONAL AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM084 Datasheet(HTML) 2 Page - New Japan Radio

  NJM084 Datasheet HTML 1Page - New Japan Radio NJM084 Datasheet HTML 2Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NJM074/084
- 2 -
Ver.2003-03-17
■ ABSOLUTE MAXIMUM RATINGS
( Ta=25˚C )
PARAMETER
SYMBOL
RATINGS
UNIT
■ ELECTRICAL CHARACTERISTICS ( Ta=+25˚C,V+/V-=±15V )
( ) Applies to NJM084
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
RS=50Ω
-
3(5)
10(15)
mV
Input Offset Current
IIO
-
5
50(200)
pA
Input Bias Current
IB
-
30
200(400)
pA
Input Common Mode Voltage Range
VICM
± 10
-
-
V
Maximum Peak-to-peak Output Voltage Swing
VOPP
RL=10kΩ
24
27
-
VP-P
Large-Signal Voltage Gain
AV
RL≥2kΩ,VO=±10V
88
106
-
dB
Unity Gain Bandwidth
fT
-
3
-
MHz
Input Resistance
RIN
-
10
12
-
Common Mode Rejection Ratio
CMR
RS
10kΩ
70
76
-
dB
Supply Voltage Rejection Ratio
SVR
RS
10kΩ
70
76
-
dB
Operating Current
ICC
-
6
10(11.2)
mA
Slew Rate
SR
-
13
-
V/µs
Equivalent Input Noise Voltage
VNI
RS=100Ω,B.W.=10~10kHz
-
4
-
µVrms
Supply Voltage
V
+/V-
± 18
V
Differential Input Voltage
VID
± 30
V
Input Voltage
VIC
± 15 ( note1 )
V
( DIP14 ) 700
( DMP14 ) 700 ( note2 )
Power Dissipation
PD
( SSOP14 ) 300
mW
Operating Temperature Range
Topr
-20~+75
˚C
Storage Temperature Range
Tstg
-40~+125
˚C
( note1 ) For supply voltage less than ±15V. the absolute maximum input voltage is equal to the supply voltage.
( note2 ) At on PC board
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.


Similar Part No. - NJM084

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM084 NJRC-NJM084 Datasheet
144Kb / 3P
   DUAL J-FET INPUT OPERATIONAL AMPLIFIER???
NJM084C NJRC-NJM084C Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM084CA NJRC-NJM084CA Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM084CAG NJRC-NJM084CAG Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM084CAV NJRC-NJM084CAV Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results

Similar Description - NJM084

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4084 NEC-UPC4084 Datasheet
223Kb / 8P
   J-FET INPUT QUAD OPERATIONAL AMPLIFIER???
logo
Renesas Technology Corp
PC4064 RENESAS-PC4064_15 Datasheet
262Kb / 11P
   J-FET INPUT LOW-POWER QUAD OPERATIONAL AMPLIFIER
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
UPC824 RENESAS-UPC824 Datasheet
638Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
New Japan Radio
NJM2162 NJRC-NJM2162 Datasheet
257Kb / 5P
   J-FET INPUT OPERATIONAL AMPLIFIER??????
NJM062 NJRC-NJM062 Datasheet
224Kb / 6P
   J-FET INPUT OPERATIONAL AMPLIFIER
logo
NEC
UPC4081 NEC-UPC4081 Datasheet
280Kb / 10P
   J-FET INPUT OPERATIONAL AMPLIFIER???
logo
Guangdong Youtai Semico...
TL084 UMW-TL084 Datasheet
599Kb / 4P
   General J-FET quad operational amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com