Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-425P8 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-425P8
Description  GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-425P8 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-425P8_07 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8_07 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8_07 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8_07 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8_07 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8_07 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8_07 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8_07 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-425P8_07 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MGA-425P8
GaAs Enchancement-mode PHEMT  
Power Amplifier in 2x2 mm2 LPCC Package
Data Sheet
Description
Avago Technologies’s MGA-425P8 power amplifier is designed
for wireless application in the 2–10 GHz frequency range. The
PA has a high power efficiency (PAE) achieved through the
use of AvagoTechnologies’s proprietary GaAs Enhancement-
mode pHEMT process.
MGA-425P8 is housed in a miniature 2.0 x 2.0 x 0.75 mm 8-lead
leadless-plastic-chip-carrier(LPCC)package.Thecompactfoot-
print, low profile couple with the excellent thermal efficiency
of the LPCC package makes the MGA-425P8 an ideal choice as
power amplifier that saves board space.
On-chip bias circuitry allows operation from a single +3.3V
power supply. The output of the amplifier is near to 50Ω (be-
low 2:1VSWR) around 4.9–5.8 GHz.This makes MGA-425P8 an
ideal choice as power amplifier for broadband IEEE 802.11a
system as well as other high performance wireless application
in the 2–10 GHz frequency range.
One external resistor (RBias) is used to set the bias current of
the device over a wide range.
This allows the designer to use the same part in several circuit
positions and tailor the output power/linearity performance,
and current consumption, to suit each position.
Features
• Near 50Ω broadband output match
• Single +3.3V supply
• High Gain & OIP3
• Miniature 2 x 2 x 0.75 mm
LPCC package
• Pb-free & MSL-1 package
• Tape-and-Reel packaging
option available
Specifications
at 5.25 GHz, 3.3V, 58 mA (typ)
• 13.3 dBm Linear Pout @ 5% EVM
• 10.3% PAE @ +13.3 dBm Pout
• 12 dBm Linear Pout @ 3% EVM
• 7.6% PAE @ + 12 dBm Pout
• 47% PAE @ P1dB
• 20.3 dBm P1dB
• 32.9 dBm OIP3
• 16 dB Gain
• 1.7 dB NF
Pin Connections and Package Marking
2.0 x 2.0 x 0.75 mm 8-lead LPCC
Note:
Package marking provides orientation and identification
“2Y” = Device Code
“X” = Data code indicates the month of manufacture.
Pin 1 (NC)
Pin 2 (RFin)
Pin 3 (NC)
Pin 4 (NC)
Pin 8 (NC)
Pin 7 (RFout, VD)
Pin 6 (NC)
Pin 5 (RBias)
2YX
Top View
Pin 1 (NC)
GND
Pin 2 (RFin)
Pin 3 (NC)
Pin 4 (NC)
Pin 8 (NC)
Pin 7 (RFout, VD)
Pin 6 (NC)
Pin 5 (RBias)
Bottom View
Note:
Use Die Attach Padded for electrical grounding and thermal dissipa-
tion
Simplified Schematic
Attention:
Observe precautions for
handling electrostatic
sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 1A)
Refer to Agilent Application Note A004R: Electro-
static Discharge Damage and Control.
1, 3, 4, 6, 8
Rbias
Ibias
Vbias
5
7
2
Bias
Vd
Id= Ids + Ibias
Ids


Similar Part No. - MGA-425P8_07

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-425P8-BLK BOARDCOM-MGA-425P8-BLK Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
MGA-425P8-TR1 BOARDCOM-MGA-425P8-TR1 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
MGA-425P8-TR2 BOARDCOM-MGA-425P8-TR2 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
More results

Similar Description - MGA-425P8_07

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-425P8 BOARDCOM-DEMO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
List of Unclassifed Man...
MGA-425P8 ETC-MGA-425P8 Datasheet
136Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
MGA-425P8 BOARDCOM-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-412P8 AVAGO-MGA-412P8_15 Datasheet
264Kb / 8P
   GaAs Enhancement-mode pHEMT Power Amplifier
logo
Broadcom Corporation.
MGA-412P8 BOARDCOM-MGA-412P8 Datasheet
264Kb / 8P
   GaAs Enhancement-mode pHEMT Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com