Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRA120TR Datasheet(PDF) 4 Page - International Rectifier

Part # MBRA120TR
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRA120TR Datasheet(HTML) 4 Page - International Rectifier

  MBRA120TR_02 Datasheet HTML 1Page - International Rectifier MBRA120TR_02 Datasheet HTML 2Page - International Rectifier MBRA120TR_02 Datasheet HTML 3Page - International Rectifier MBRA120TR_02 Datasheet HTML 4Page - International Rectifier MBRA120TR_02 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBRA120TR
Bulletin PD-20643 rev. A 02/02
4
www.irf.com
Fig.4-Maximum Average Forward Current
Vs. Allowable Lead Temperature
Fig.5-Maximum Average Forward Dissipation
Vs. Average Forward Current
Fig.6-Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D)
(see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D)
AverageForwardCurrent - I
F(AV)(A)
AverageForwardCurrent - I
F(AV)(A)
SquareWavePulseDuration -t
p(microsec)
130
135
140
145
150
155
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
DC
see note (2)
Square wave
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
0
0.1
0.2
0.3
0.4
0.5
0
0.4
0.8
1.2
1.6
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
10
100
1000
10
100
1000
10000
Tj = 25˚C
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge


Similar Part No. - MBRA120TR_02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRA120TRPBF IRF-MBRA120TRPBF Datasheet
114Kb / 6P
   SCHOTTKY RECTIFIER 1.0 Amp
logo
Vishay Siliconix
MBRA120TRPBF VISHAY-MBRA120TRPBF Datasheet
92Kb / 5P
   Schottky Rectifier, 1.0 A
Revision: 08-Sep-08
MBRA120TRPBF VISHAY-MBRA120TRPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
MBRA120TRPBF VISHAY-MBRA120TRPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
More results

Similar Description - MBRA120TR_02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com