Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2428-01 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 2428-01
Description  Insert Molded Coil
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

2428-01 Datasheet(HTML) 1 Page - Frontier Electronics.

  2428-01 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IMC 2428 series
Mar. 01, 2002 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Insert Molded Coil—2428 series
A. Mechanical Drawing:
B. Electrical Specification:
Part No.
L Min. (uH)
L Nom. (uH)
L Max. (uH)
Q Min. @ L Nom.
Color
2428-01
0.043
0.045
0.047
- -
Brown
2428-02
0.070
0.074
0.078
- -
Red
2428-03
0.092
0.099
0.106
- -
Orange
2428-04
0.111
0.122
0.133
- -
Yellow
2428-05
0.132
0.149
0.165
- -
Green
2428-06
0.154
0.175
0.196
105 @ 40 MHz
Blue
2428-07
0.176
0.200
0.223
104 @ 40 MHz
Violet
2428-08
0.202
0.226
0.250
97 @ 40 MHz
Gray
2428-09
0.239
0.256
0.274
104 @ 40 MHz
White
2428-10
0.270
0.282
0.295
93 @ 40 MHz
Black
C. Features:
1. Plastic molded.
2. High reliability.
3. Low cost.
D. Measurement:
1. Q and L measured with ½” long of TCW#16 soldered along the coil leads and with one end flush with the
bottom of the coil then bent ¼” down from stand off at an angle of 90
°.
2. L min. measured with core halfway out of the top of the form.
3. Inductance greater than 0.1uH read at recommended Q meter frequency.
4. Inductance below 0.1uH calculated from readings taken at 50MHz.
E. Test equipment:
Q meter (HP 4342A)


Similar Part No. - 2428-01

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2428 KR-2428 Datasheet
22Kb / 2P
   Lowpass Filter
logo
Pomona Electronics
2428 POMONA-2428 Datasheet
21Kb / 1P
   Size B Aluminum Box With Cover
logo
Yantel Corporation
2428 YANTEL-2428 Datasheet
76Kb / 2P
   Variable RF Inductor
logo
Heyco.
2428 HEYCO-2428 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
List of Unclassifed Man...
24283 ETC2-24283 Datasheet
115Kb / 2P
   METRIC STANDOFFS AND SPACERS
More results

Similar Description - 2428-01

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
2432 FRONTIER-2432 Datasheet
32Kb / 1P
   Insert Molded Coil
2303 FRONTIER-2303 Datasheet
28Kb / 1P
   Insert Molded Coil
2427 FRONTIER-2427 Datasheet
48Kb / 1P
   Insert Molded Coil
2431 FRONTIER-2431 Datasheet
31Kb / 1P
   Insert Molded Coil
2433 FRONTIER-2433 Datasheet
33Kb / 1P
   Insert Molded Coil
2901 FRONTIER-2901 Datasheet
46Kb / 1P
   Insert Molded Coil
2101 FRONTIER-2101 Datasheet
51Kb / 1P
   Insert Molded Coil
2430 FRONTIER-2430 Datasheet
31Kb / 1P
   Insert Molded Coil
2434 FRONTIER-2434 Datasheet
33Kb / 1P
   Insert Molded Coil
2429 FRONTIER-2429 Datasheet
45Kb / 1P
   Insert Molded Coil
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com