Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS57C43C-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS57C43C-1
Description  MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C43C-1 Datasheet(HTML) 1 Page - STMicroelectronics

  WS57C43C-1 Datasheet HTML 1Page - STMicroelectronics WS57C43C-1 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
WS57C43C-35
WS57C43C-45
WS57C43C-55
WS57C43C-70
Address Access Time (Max)
35 ns
45 ns
55 ns
70 ns
CS to Output Valid Time (Max)
20 ns
25 ns
25 ns
25 ns
WS57C43C
PINS
CS1
CS2
VCC
OUTPUTS
MODE
VPP
Read
VIL
VIH
VCC
DOUT
Output
Disable
VIH
XVCC
High Z
Output
XVIL
VCC
High Z
Disable
Program
VPP
XVCC
DIN
Program
Verify
VIL
VIH
VCC
DOUT
VCC
A8
A9
A10
CS1/VPP
A11
CS2
O7
O6
O5
O4
O3
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
A10
CS1/VPP
A11
CS2
NC
O7
O6
A5 A6 A7
VCC A8 A9
NC
A4
A3
A2
A1
A0
NC
O0
O1 O2
NC O3 O4 O5
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
43
2
28 27 26
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12 13 14 15 16 17 18
TOP VIEW
Chip Carrier
CERDIP
MODE SELECTION
PIN CONFIGURATION
4-7
MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM
KEY FEATURES
Ultra-Fast Access Time
Pin Compatible with 4K x 8 Bipolar PROMs
— tACC = 35 ns
Immune to Latch-UP
— tCS = 20 ns
— Up to 200 mA
Low Power Consumption
ESD Protection Exceeds 2000 V
Fast Programming
Available in 300 Mil DIP and CLLCC
DESC SMD No. 5962-906580
GENERAL DESCRIPTION
The WS57C43C is a High Performance 32K UV Erasable Electrically Re-Programmable Read Only Memory
(RPROM). It is manufactured in an advanced CMOS technology which enables it to operate at Bipolar PROM
speeds while consuming only 25% of the power required by its Bipolar counterparts. A further advantage of the
WS57C43C over Bipolar PROM devices is the fact that it utilizes a proven EPROM technology. This enables the
entire memory array to be tested for switching characteristics and functionality after assembly. Unlike devices which
cannot be erased, every WS5743C in a windowed package is 100% tested with worst case test patterns both
before and after assembly.
The WS57C43C is configured in the standard Bipolar PROM pinout which provides an easy upgrade path for
systems which are currently using Bipolar PROMs, or its predecessor, the WS57C43B.
Return to Main Menu


Similar Part No. - WS57C43C-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C43C-25D STMICROELECTRONICS-WS57C43C-25D Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C43C-25J STMICROELECTRONICS-WS57C43C-25J Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C43C-25S STMICROELECTRONICS-WS57C43C-25S Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C43C-25T STMICROELECTRONICS-WS57C43C-25T Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C43C-35CMB STMICROELECTRONICS-WS57C43C-35CMB Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
More results

Similar Description - WS57C43C-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
   MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
   HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
   HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
   HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
   HIGH SPEED 32K x 8 CMOS PROM/RPROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com