Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402C-4N7 Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 0402C-4N7
Description  SMD Wire Wound Ceramic Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0402C-4N7 Datasheet(HTML) 3 Page - Frontier Electronics.

  0402C-4N7 Datasheet HTML 1Page - Frontier Electronics. 0402C-4N7 Datasheet HTML 2Page - Frontier Electronics. 0402C-4N7 Datasheet HTML 3Page - Frontier Electronics. 0402C-4N7 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD wire wound Ceramic Chip Inductor: P/N 0402C-series
Rev. D
Oct. 01 2008 page: 3 of 4
SMD Wire Wound Ceramic Chip Inductors—0402C series
F. Characteristic curve:
1. Inductance vs. Frequency:
2. Typical Q vs. Frequency:
0
10
20
30
40
10
100
1000
10000
Frequency (MHz)
0402C-1N0
0402C-5N6
0402C-15N
0402C-20N
0402C-33N
0
10
20
30
40
50
60
70
80
90
100
110
1
10
100
1000
10000
Frequency (MHz)
Q
0402C-1N0
0402C-33N
0402C-12N
0402C-19N
0402C-5N6


Similar Part No. - 0402C-4N7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402C103B6NB10 ETC-0402C103B6NB10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0402C103B6NB4 ETC-0402C103B6NB4 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0402C103B6NT10 ETC-0402C103B6NT10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0402C103B6NT4 ETC-0402C103B6NT4 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0402C103B6PB10 ETC-0402C103B6PB10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - 0402C-4N7

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
   SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com