Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320CC6713BGLWS20EP Datasheet(PDF) 11 Page - Texas Instruments

Part # SM320CC6713BGLWS20EP
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320CC6713BGLWS20EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM320CC6713BGLWS20EP Datasheet HTML 7Page - Texas Instruments SM320CC6713BGLWS20EP Datasheet HTML 8Page - Texas Instruments SM320CC6713BGLWS20EP Datasheet HTML 9Page - Texas Instruments SM320CC6713BGLWS20EP Datasheet HTML 10Page - Texas Instruments SM320CC6713BGLWS20EP Datasheet HTML 11Page - Texas Instruments SM320CC6713BGLWS20EP Datasheet HTML 12Page - Texas Instruments SM320CC6713BGLWS20EP Datasheet HTML 13Page - Texas Instruments SM320CC6713BGLWS20EP Datasheet HTML 14Page - Texas Instruments SM320CC6713BGLWS20EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
3.2
Device Characteristics
SM320C6713-EP
SM320C6713B-EP
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
www.ti.com
SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008
Table 3-2 provides an overview of the C6713/C6713B DSPs. The table shows significant features of each
device, including the capacity of on-chip RAM, the peripherals, the execution time, and the package type
with pin count. For more details on the C67x™ DSP device part numbers and part numbering, see
Table 6-1 and Figure 6-1.
Table 3-2. Characteristics of the C6713 and C6713B Processor
C6713/C6713B
INTERNAL CLOCK
(FLOATING-POINT DSPs)
HARDWARE FEATURES
SOURCE
GDP
EMIF
SYSCLK3 or ECLKIN
1 (32 bit)
EDMA
CPU clock frequency
1
(16 channels)
Peripherals
HPI (16 bit)
SYSCLK2
1
Not all peripheral pins are available at the
AUXCLK,
same time. (For more details, see the
McASPs
2
SYSCLK2(1)
Device Configurations section.)
Peripheral performance is dependent on
I2Cs
SYSCLK2
2
chip-level configuration.
McBSPs
SYSCLK2
2
32-bit timers
= of SYSCLK2
2
GPIO module
SYSCLK2
1
On-chip memory
Size (Bytes)
264K
4K-Byte (KB) L1 program (L1P) cache
4KB L1 data (L1D) cache
Organization
64KB unified L2 cache/mapped RAM
192KB L2 mapped RAM
CPU ID+CPU Rev ID
Control Status Register (CSR[31:16])
0x0203
BSDL file
For the C6713/13B BSDL file, contact your field sales representative.
Frequency
MHz
200
Time
ns
5 ns
Core (V)
1.26 V (C6713/C6713B)
Voltage
I/O (V)
3.3 V
Prescaler
/1, /2, /3, ..., /32
Clock generator options
Multiplier
×4, ×5, ×6, ..., ×25
Postscaler
/1, /2, /3, ..., /32
Package
27 mm
× 27 mm
272-ball BGA (GDP)
Process technology
µm
0.13
Product status(2)
Product preview (PP)
PD (13)
Advance information (AI)
Production data (PD)
(1)
AUXCLK is the McASP internal high-frequency clock source for serial transfers. SYSCLK2 is the McASP system clock used for the clock
check (high-frequency) circuit.
(2)
PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and
other specifications are subject to change without notice.
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Submit Documentation Feedback
DEVICE INFORMATION
11


Similar Part No. - SM320CC6713BGLWS20EP

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM320C UNIOHM-SM320C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320C SECOS-SM320C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320C TAYCHIPST-SM320C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
   VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM320C GWSEMI-SM320C Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM320CC6713BGLWS20EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com