Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SQ-04 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 5SQ-04
Description  Tunable Super Hi-Q RF Coils
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

5SQ-04 Datasheet(HTML) 1 Page - Frontier Electronics.

  5SQ-04 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Variable RF Coils—
5SQ parts
Rev. B
July 27, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Tunable Super Hi-Q RF Coils—5SQ Series
A. Electrical specification:
Specification
Test Frequency: 25.2 MHz
P/N
Pin
(S—F)
L Min.
(nH)
L Nom.
(nH)
L Max.
(nH)
Q (Min.)
@L max.
SRF
Min.
(MHz)
DCR
Max.
(m
Ω)
Color
Code
5SQ-03
Pin (1-4)
85
95
105
70
1000
35.0
ORANGE
5SQ-04
Pin (1-4)
120
140
160
80
900
45.5
YELLOW
5SQ-05
Pin (1-4)
150
177
205
90
740
50.0
GREEN
5SQ-06
Pin (1-4)
185
227
270
90
590
57.5
BLUE
5SQ-07
Pin (1-4)
270
317
365
90
540
72.5
VIOLET
5SQ-08
Pin (1-4)
320
383
445
100
500
75.0
Black
5SQ-09
Pin (1-4)
400
465
530
100
450
85.0
WHITE
B. Mechanical dimensions: (Unit: mm)
5SQ-xx series
C. General Information:
1. Can be tunable.
2. Excellent temperature coefficient.
3. For high frequency operation up to 1.0 GHz.
4. Unique winding configuration.
5. Special selected core for Hi-Q performance.
6. Inductance measured using HP4191A with HP16092A test fixture.
7. Q measured at L max value using HP4191A with HP16092A test fixture.
8. SRF measured without core using Scalar or network Analyzer.
9.
RoHS compliant.
Patent Pending
3.5±0.3
5.80±0.3
3.0±0.3
+0.3
5.45-0.1
3
2
1
4
6
Bottom View
Color Code


Similar Part No. - 5SQ-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
5SQ01A FRONTIER-5SQ01A Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ02A FRONTIER-5SQ02A Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ03 FRONTIER-5SQ03 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ03A FRONTIER-5SQ03A Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ04 FRONTIER-5SQ04 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
More results

Similar Description - 5SQ-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
6YN FRONTIER-6YN Datasheet
116Kb / 1P
   SMD Tunable Hi-Q RF Inductors
logo
API Delevan
9405R API-9405R Datasheet
1Mb / 1P
   Tunable Variable RF Coils
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
150-01J08L COILCRAFT-150-01J08L_13 Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
144-01J12L COILCRAFT-144-01J12L Datasheet
128Kb / 2P
   10 mm Tunable Coils
148 COILCRAFT-148 Datasheet
87Kb / 1P
   Tunable RF Inductors
logo
AVX Corporation
HQCC AVX-HQCC Datasheet
148Kb / 3P
   Hi-Q High RF Power MLC Surface Mount Capacitors
HLQ02XXXXTTR AVX-HLQ02XXXXTTR Datasheet
176Kb / 2P
   MLOTM Hi-Q Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com