Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320BN-SH-T Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25320BN-SH-T
Description  SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320BN-SH-T Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25320BN-SH-T Datasheet HTML 1Page - ATMEL Corporation AT25320BN-SH-T Datasheet HTML 2Page - ATMEL Corporation AT25320BN-SH-T Datasheet HTML 3Page - ATMEL Corporation AT25320BN-SH-T Datasheet HTML 4Page - ATMEL Corporation AT25320BN-SH-T Datasheet HTML 5Page - ATMEL Corporation AT25320BN-SH-T Datasheet HTML 6Page - ATMEL Corporation AT25320BN-SH-T Datasheet HTML 7Page - ATMEL Corporation AT25320BN-SH-T Datasheet HTML 8Page - ATMEL Corporation AT25320BN-SH-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
8535B–SEEPR–7/08
AT25320B/640B
Figure 0-1.
Block Diagram
Table 0-2.
Pin Capacitance(1)
Note:
1. This parameter is characterized and is not 100% tested.
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
C
OUT
Output Capacitance (SO)
8
pF
V
OUT = 0V
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)6
pF
VIN = 0V


Similar Part No. - AT25320BN-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320B ATMEL-AT25320B Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B-CUL-T ATMEL-AT25320B-CUL-T Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B-MAHL-T ATMEL-AT25320B-MAHL-T Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B-MEHL-T ATMEL-AT25320B-MEHL-T Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B-SSHL-B ATMEL-AT25320B-SSHL-B Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
More results

Similar Description - AT25320BN-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
logo
AiT Semiconductor Inc.
A24C32 AITSEMI-A24C32 Datasheet
811Kb / 21P
   MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE
REV4.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com