Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA824IDR Datasheet(PDF) 16 Page - Texas Instruments

Part # VCA824IDR
Description  Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA824IDR Datasheet(HTML) 16 Page - Texas Instruments

Back Button VCA824IDR Datasheet HTML 12Page - Texas Instruments VCA824IDR Datasheet HTML 13Page - Texas Instruments VCA824IDR Datasheet HTML 14Page - Texas Instruments VCA824IDR Datasheet HTML 15Page - Texas Instruments VCA824IDR Datasheet HTML 16Page - Texas Instruments VCA824IDR Datasheet HTML 17Page - Texas Instruments VCA824IDR Datasheet HTML 18Page - Texas Instruments VCA824IDR Datasheet HTML 19Page - Texas Instruments VCA824IDR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
-35
-40
-45
-50
-55
-60
-65
-70
Frequency(MHz)
0.1
1
10
100
A
=+40V/V
VMAX
V
=+1V
G
V
=2V
O
PP
R =100W
L
2nd-Harmonic
3rd-Harmonic
-50
-55
-60
-65
-70
-75
-80
-85
Resistance(W)
100
1k
2nd-Harmonic
3rd-Harmonic
A
=+40V/V
VMAX
V
=+1V
G
V
O
PP
=1V
f=20MHz
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
GainControlVoltage(V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
2nd-Harmonic
3rd-Harmonic
A
=+40V/V
VMAX
V
=2V
O
PP
R =100
L
W
f=20MHz
MaximumCurrent
ThroughR
Limited
G
-10
-20
-30
-40
-50
-60
-70
-80
OutputVoltageSwing(V
)
PP
0.1
1
10
A
=+40V/V
VMAX
V
=+1V
G
R
L
=100W
f=20MHz
2nd-Harmonic
3rd-Harmonic
MaximumCurrent
ThroughR
Limited
G
34
32
30
28
26
24
22
Frequency(MHz)
0
10
20
30
40
50
60
70
80
90
100
At50
MatchedLoad
W
35
30
25
20
15
10
GainControlVoltage(V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
ConstantInputVoltage
ConstantOutputVoltage
f=20MHz
At50
MatchedLoad
W
VCA824
SBOS394C – NOVEMBER 2007 – REVISED DECEMBER 2008....................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V, AVMAX = +40V/V (continued)
At TA = +25°C, RL = 100Ω, RF = 402Ω, RG = 18Ω, VG = +1V, VIN = single-ended input on +VIN with –VIN at ground, and SO-14
package, unless otherwise noted.
HARMONIC DISTORTION vs
HARMONIC DISTORTION vs
FREQUENCY
LOAD RESISTANCE
Figure 61.
Figure 62.
HARMONIC DISTORTION vs
HARMONIC DISTORTION vs
OUTPUT VOLTAGE
GAIN CONTROL VOLTAGE
Figure 63.
Figure 64.
TWO-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
TWO-TONE, 3RD-ORDER
vs
INTERMODULATION INTERCEPT
GAIN CONTROL VOLTAGE
Figure 65.
Figure 66.
16
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): VCA824


Similar Part No. - VCA824IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824IDR TI1-VCA824IDR Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824IDR TI1-VCA824IDR Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824IDRG4 TI1-VCA824IDRG4 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results

Similar Description - VCA824IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
List of Unclassifed Man...
DBE0640 ETC-DBE0640 Datasheet
225Kb / 6P
   Variable-Gain Ultra-Wideband Voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com