Electronic Components Datasheet Search |
|
SN65MLVD206DRE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
SN65MLVD206DRE4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 26 page www.ti.com BUS INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS DRIVER SWITCHING CHARACTERISTICS SN65MLVD201, SN65MLVD203 SN65MLVD206, SN65MLVD207 SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007 over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VA = 3.8 V, VB = 1.2 V, 0 32 Receiver or transceiver with driver IA VA = 0 V or 2.4 V, VB = 1.2 V –20 20 µA disabled input current VA = –1.4 V, VB = 1.2 V –32 0 VB = 3.8 V, VA = 1.2 V 0 32 Receiver or transceiver with driver IB VB = 0 V or 2.4 V, VA = 1.2 V –20 20 µA disabled input current VB = –1.4 V, VA = 1.2 V –32 0 Receiver or transceiver with driver IAB disabled differential input current VA = VB, 1.4 ≤ VA ≤ 3.8 V -4 4 µA (IA – IB) VA = 3.8 V, VB = 1.2 V, 0 V ≤ VCC ≤ 1.5 V 0 32 Receiver or transceiver power-off IA(OFF) VA = 0 V or 2.4 V, VB = 1.2 V, 0 V ≤ VCC ≤ 1.5 V –20 20 µA input current VA = –1.4 V, VB= 1.2 V, 0 V ≤ VCC ≤ 1.5 V –32 0 VB = 3.8 V, VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V 0 32 Receiver or transceiver power-off IB(OFF) VB = 0 V or 2.4 V, VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V –20 20 µA input current VB = –1.4 V, VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V –32 0 Receiver input or transceiver IAB(OFF) power-off differential input current VA = VB, 0 V ≤ VCC ≤ 1.5 V, –1.4 ≤ VA ≤ 3.8 V –4 4 µA (IA – IB) Transceiver with driver disabled input CA VA = 0.4 sin (30E6πt) + 0.5V (2), VB = 1.2 V 5 pF capacitance Transceiver with driver disabled input CB VB = 0.4 sin (30E6πt) + 0.5 V (2), VA = 1.2 V 5 pF capacitance Transceiver with driver disabled CAB VAB = 0.4 sin (30E6πt)V (2) 3 pF differential input capacitance Transceiver with driver disabled input CA/B 0.99 1.01 capacitance balance, (CA/CB) (1) All typical values are at 25 °C and with a 3.3-V supply voltage. (2) HP4194A impedance analyzer (or equivalent) over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT tPLH Propagation delay time, low-to-high-level output 1 1.5 2.4 ns tPHL Propagation delay time, high-to-low-level output 1 1.5 2.4 ns tr Differential output signal rise time 1 1.6 ns See Figure 5 tf Differential output signal fall time 1 1.6 ns tsk(p) Pulse skew (|tPHL – tPLH|) 0 100 ps tsk(pp) Part-to-part skew(2) 1 ns tjit(per) Period jitter, rms (1 standard deviation)(3) 100 MHz clock input(4) 2 3 ps tjit(pp) Peak-to-peak jitter(3) (5) 200 Mbps 215–1 PRBS input(6) 30 130 ps tPHZ Disable time, high-level-to-high-impedance output 7 ns tPLZ Disable time, low-level-to-high-impedance output 7 ns See Figure 6 tPZH Enable time, high-impedance-to-high-level output 7 ns tPZL Enable time, high-impedance-to-low-level output 7 ns (1) All typical values are at 25 °C and with a 3.3-V supply voltage. (2) tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits. (3) Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers. (4) tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples. (5) Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)). (6) tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples. Copyright © 2002–2007, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207 |
Similar Part No. - SN65MLVD206DRE4 |
|
Similar Description - SN65MLVD206DRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |