Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0520801VYC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 5962R0520801VYC
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962R0520801VYC Datasheet(HTML) 4 Page - ATMEL Corporation

  5962R0520801VYC Datasheet HTML 1Page - ATMEL Corporation 5962R0520801VYC Datasheet HTML 2Page - ATMEL Corporation 5962R0520801VYC Datasheet HTML 3Page - ATMEL Corporation 5962R0520801VYC Datasheet HTML 4Page - ATMEL Corporation 5962R0520801VYC Datasheet HTML 5Page - ATMEL Corporation 5962R0520801VYC Datasheet HTML 6Page - ATMEL Corporation 5962R0520801VYC Datasheet HTML 7Page - ATMEL Corporation 5962R0520801VYC Datasheet HTML 8Page - ATMEL Corporation 5962R0520801VYC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AT60142FT
7726A–AERO–07/07
Electrical Characteristics
Absolute Maximum Ratings*
Military Operating Range
Recommended DC Operating Conditions
Note:
1. 5.8V in transient conditions.
Capacitance
Note:
1. Guaranteed but not tested.
Supply Voltage to GND Potential:.........................-0.5V + 4.6V
DC Input Voltage:...........................................GND -0.5V to 7V
DC Output Voltage High Z State: ................GND -0.5V to 4.6V
Storage Temperature: ................................... -65°C to + 150°C
Output Current Into Outputs (Low): ............................... 20 mA
Electro Statics Discharge Voltage:..... .........> 2000V (MIL STD
883D Method 3015.3)
*NOTE:
Stresses beyond those listed under "Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional oper-
ation of the device at these or any other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Operating Voltage
Operating Temperature
Military
3.3 + 0.3V
-55°C to + 125°C
Parameter
Description
Min
Typ
Max
Unit
Vcc
Supply voltage
3
3.3
3.6
V
GND
Ground
0.0
0.0
0.0
V
VIL
Input low voltage
GND - 0.3
0.0
0.8
V
VIH
Input high voltage
2.2
5.5(1)
V
Parameter
Description
Min
Typ
Max
Unit
Cin
(1)
Input capacitance
12
pF
Cout
(1)
Output capacitance
12
pF


Similar Part No. - 5962R0520801VYC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962R0520801VYC ATMEL-5962R0520801VYC Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results

Similar Description - 5962R0520801VYC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com