Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY45 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATTINY45
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY45 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATTINY45 Datasheet HTML 6Page - ATMEL Corporation ATTINY45 Datasheet HTML 7Page - ATMEL Corporation ATTINY45 Datasheet HTML 8Page - ATMEL Corporation ATTINY45 Datasheet HTML 9Page - ATMEL Corporation ATTINY45 Datasheet HTML 10Page - ATMEL Corporation ATTINY45 Datasheet HTML 11Page - ATMEL Corporation ATTINY45 Datasheet HTML 12Page - ATMEL Corporation ATTINY45 Datasheet HTML 13Page - ATMEL Corporation ATTINY45 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
7696B–AUTO–04/08
ATtiny45 Automotive
Figure 9.
Output High Voltage vs. Output High Current (VCC = 5V)
Figure 10.
Output High Voltage vs. Output High Current (VCC = 3V)
I/O P IN OUTP UT VOLTAGE vs . S OURCE CURRENT
Vcc = 5.0V
150
125
85
25
-40
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
0
2
4
6
8
10
12
14
16
18
20
I
OH (mA)
I/O P IN OUTP UT VOLTAGE vs . S OURCE CURRENT
Vc c = 3.0V
150
125
85
25
-40
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
14
16
18
20
I
OH (mA)


Similar Part No. - ATTINY45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY45 ATMEL-ATTINY45 Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
2Mb / 222P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
1Mb / 201P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
539Kb / 28P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny45 ATMEL-ATtiny45 Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
   8-Bit Microcontroller with 4K bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY2313A ATMEL-ATTINY2313A Datasheet
635Kb / 20P
   8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com