Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP1617CC0-G70E Datasheet(PDF) 5 Page - FIDELIX

Part # FMP1617CC0-G70E
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617CC0-G70E Datasheet(HTML) 5 Page - FIDELIX

  FMP1617CC0-G70E Datasheet HTML 1Page - FIDELIX FMP1617CC0-G70E Datasheet HTML 2Page - FIDELIX FMP1617CC0-G70E Datasheet HTML 3Page - FIDELIX FMP1617CC0-G70E Datasheet HTML 4Page - FIDELIX FMP1617CC0-G70E Datasheet HTML 5Page - FIDELIX FMP1617CC0-G70E Datasheet HTML 6Page - FIDELIX FMP1617CC0-G70E Datasheet HTML 7Page - FIDELIX FMP1617CC0-G70E Datasheet HTML 8Page - FIDELIX FMP1617CC0-G70E Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FMP1617CC0(7)
CMOS LPRAM
Revision 0.1
Jun. 2006
5
AC OPERATING CONDITIONS
TEST CONDITIONS(Test Load and Input/Output Reference)
Input pulse level : 0.2 to VCC-0.2V
Input rising and falling time : 5ns
Input and output reference voltage : 0.5*VCCQ
Output load(see right) : CL=30pF+1TTL
AC CHARACTERISTICS(VCC=1.7V~1.95V)
30pf
1TTL
ns
20k
-
20k
-
tMRC
Maximum Cycle Time
Page
ns
-
10
-
10
tCP
ns
30
-
25
-
tPAA
Page Mode Address Access Time
ns
-
30
-
25
tPC
Page Mode Cycle Time
/CS High Pulse Width
ns
-
5
-
5
tOW
End Write to Output Low-Z
ns
-
0
-
0
tDH
Data Hold from Write Time
ns
-
20
-
20
tDW
Data to Write Time Overlap
ns
5
0
5
0
tWHZ
Write to Output High-Z
ns
-
0
-
0
tWR
Write Recovery Time
ns
-
60
-
50
tWP
Write Pulse Width
ns
-
70
-
60
tBW
/UB, /LB Valid to End of Write
ns
-
70
-
60
tAW
Address Valid to End of Write
ns
-
0
-
0
tAS
Address Set-up Time
ns
-
70
-
60
tCW
Chip Select to End of Write
ns
20k
85
20k
70
tWC
Write Cycle Time
Write
ns
-
5
-
5
tOH
Output Hold from Address Change
ns
5
0
5
0
tOHZ
Output Disable to High- Z Output
ns
5
0
5
0
tBHZ
/UB, /LB Disable to High- Z Output
ns
5
0
5
0
tHZ
Chip Disable to High- Z Output
ns
-
5
-
5
tOLZ
Output Enable to Low-Z Output
85ns
ns
-
10
-
10
tBLZ
/UB, /LB Enable to Low-Z Output
ns
-
10
-
10
tLZ
Chip Select to Low-Z Output
ns
85
-
70
-
tBA
/UB, /LB Access Time
ns
30
-
25
-
tOE
Output Enable to Valid Output
ns
85
-
70
-
tCO
Chip Select to Output
ns
85
-
70
-
tAA
Address Access Time
ns
20k
85
20k
70
tRC
Read Cycle Time
Read
Max
Min
Max
Min
70ns
Units
Speed Bins
Symbol
Parameter List
1. /CS High Pulse Width is defined by /CS or (/UB and /LB) because /UB & /LB can make standby mode when /UB=High and /LB=High.


Similar Part No. - FMP1617CC0-G70E

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617CC1 FIDELIX-FMP1617CC1 Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC2 FIDELIX-FMP1617CC2 Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC4 FIDELIX-FMP1617CC4 Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC5 FIDELIX-FMP1617CC5 Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP1617CC0-G70E

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CAX FIDELIX-FMP1617CAX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
Samsung semiconductor
K6F1616U6M SAMSUNG-K6F1616U6M Datasheet
176Kb / 9P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
FIDELIX
FMP1617DA0 FIDELIX-FMP1617DA0 Datasheet
147Kb / 9P
   1M x 16bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com