Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9557RGYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9557RGYR
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9557RGYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9557RGYR Datasheet HTML 6Page - Texas Instruments PCA9557RGYR Datasheet HTML 7Page - Texas Instruments PCA9557RGYR Datasheet HTML 8Page - Texas Instruments PCA9557RGYR Datasheet HTML 9Page - Texas Instruments PCA9557RGYR Datasheet HTML 10Page - Texas Instruments PCA9557RGYR Datasheet HTML 11Page - Texas Instruments PCA9557RGYR Datasheet HTML 12Page - Texas Instruments PCA9557RGYR Datasheet HTML 13Page - Texas Instruments PCA9557RGYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Reads
A2
0
0
S
1
1
A1 A0 0
A
A
Data from Register
Slave Address
Slave Address
R/W
ACK From
Slave
Command Byte
S
A2
0
0
1
1
A1 A0
R/W
1 A
Data
A
Data
Data from Register
NA P
Last Byte
At this moment, master-transmitter
becomes master-receiver, and
slave-receiver becomes
slave-transmitter
ACK From
Slave
ACK From
Slave
ACK From
Master
NACK From
Master
First Byte
SCL
SDA
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Master
NACK From
Master
ACK From
Slave
Data From Port
Slave Address
Data From Port
1
9
8
7
6
5
4
3
2
A2
0
0
S
1
1
A1 A0 1
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
tph
tps
Data 5
PCA9557
SCPS133I – DECEMBER 2005 – REVISED JUNE 2008.................................................................................................................................................... www.ti.com
The bus master first must send the PCA9557 address with the LSB set to a logic 0 (see Figure 4 for device
address). The command byte is sent after the address and determines which register is accessed. After a restart,
the device address is sent again but, this time, the LSB is set to a logic 1. Data from the register defined by the
command byte then is sent by the PCA9557 (see Figure 8 and Figure 9). After a restart, the value of the register
defined by the command byte matches the register being accessed when the restart occurred. Data is clocked
into the register on the rising edge of the ACK clock pulse. There is no limitation on the number of data bytes
received in one read transmission, but when the final byte is received, the bus master must not acknowledge the
data.
Figure 8. Read From Register
<br/>
A.
This figure assumes the command byte has been previously programmed with 00h.
B.
Transfer of data can be stopped at any moment by a stop condition. When this occurs, data present at the last
acknowledge phase is valid (output mode). Input data is lost.
C.
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from the P port (see Figure 8).
Figure 9. Read Input Port Register
10
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9557


Similar Part No. - PCA9557RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557RGYR TI-PCA9557RGYR Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557RGYRG4 TI-PCA9557RGYRG4 Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9557RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557 TI-PCA9557 Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9536 TI-PCA9536 Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com