Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9557RGVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9557RGVR
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9557RGVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9557RGVR Datasheet HTML 5Page - Texas Instruments PCA9557RGVR Datasheet HTML 6Page - Texas Instruments PCA9557RGVR Datasheet HTML 7Page - Texas Instruments PCA9557RGVR Datasheet HTML 8Page - Texas Instruments PCA9557RGVR Datasheet HTML 9Page - Texas Instruments PCA9557RGVR Datasheet HTML 10Page - Texas Instruments PCA9557RGVR Datasheet HTML 11Page - Texas Instruments PCA9557RGVR Datasheet HTML 12Page - Texas Instruments PCA9557RGVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Bus Transactions
Writes
SCL
Start Condition
Data 1 Valid
SDA
Write to Port
Data Out
From Port
R/W
ACK From Slave
ACK From Slave
ACK From Slave
1
9
8
7
6
5
4
3
2
Data 1
1
A2
0
0
S
1
1
A1 A0
0
A
0
0
0
0
0
0
0
A
A
P
tpv
Data to Port
Command Byte
Slave Address
1/0
A2
0
0
S
1
1
A1 A0 0
A
0
0
0
0
0
0
0
A
A
P
SCL
SDA
Start Condition
R/W
ACK From Slave
ACK From Slave
ACK From Slave
1
9
8
7
6
5
4
3
2
Data to Register
Command Byte
Slave Address
Data
PCA9557
www.ti.com.................................................................................................................................................... SCPS133I – DECEMBER 2005 – REVISED JUNE 2008
Data is exchanged between the master and PCA9557 through write and read commands.
Data is transmitted to the PCA9557 by sending the device address and setting the least-significant bit (LSB) to a
logic 0 (see Figure 4 for device address). The command byte is sent after the address and determines which
register receives the data that follows the command byte. There is no limitation on the number of data bytes sent
in one write transmission (see Figure 6 and Figure 7).
Figure 6. Write to Output Port Register
<br/>
Figure 7. Write to Configuration or Polarity Inversion Registers
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCA9557


Similar Part No. - PCA9557RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557RGVR TI-PCA9557RGVR Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9557RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557 TI-PCA9557 Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9536 TI-PCA9536 Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com