Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4133VBI36.0MHZ Datasheet(PDF) 1 Page - MTRONPTI

Part # 4133VBI36.0MHZ
Description  Front-End Filters: 10.0MHz to 220 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

4133VBI36.0MHZ Datasheet(HTML) 1 Page - MTRONPTI

  4133VBI36.0MHZ Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 8-10-07
2133 & 4133 Series
Front-End Filters: 10.0MHz to 220 MHz
Fixed bandwidth (±6.75 kHz) 2-pole
and4-polecrystalfilters
Applicationswherefilteringincoming
radiosignalsisrequiredtoreduceor
eliminateinterference
Theorderingconventionforaconnectorized2133/4133SeriesfilterswithSMA-Femaleconnectorsonboththeinputand
outputwouldbe4133VBM@100.00MHz.Forother,mostpopularconnectortypes,referencethetableandforothersnot
listedconsultthefactory.
2133/4133
2-pole or
4-pole
tandem set
F case
package
2133/4133
50 Ω terminated
connectorized
package


Similar Part No. - 4133VBI36.0MHZ

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4133 FILTRONIC-4133 Datasheet
273Kb / 2P
   POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
API Technologies Corp
4133 APITECH-4133 Datasheet
161Kb / 2P
   POWER DIVIDERS
4133 APITECH-4133 Datasheet
161Kb / 2P
   POWER DIVIDERS
4133 APITECH-4133 Datasheet
161Kb / 2P
   POWER DIVIDERS
logo
C&D Technologies
41330 CANDD-41330 Datasheet
172Kb / 1P
   Toroidal Surface Mount Inductors
More results

Similar Description - 4133VBI36.0MHZ

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TSF295D00-D1 TOKEN-TSF295D00-D1 Datasheet
476Kb / 14P
   Front End Filters
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
logo
Skyworks Solutions Inc.
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66420-11 SKYWORKS-SKY66420-11 Datasheet
683Kb / 14P
   860 to 930 MHz RF Front-End Module
SKY65367-11 SKYWORKS-SKY65367-11_15 Datasheet
191Kb / 2P
   169 to 170 MHz Transmit/Receive Front-End Module
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com