Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNS3NV04D Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNS3NV04D
Description  ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNS3NV04D Datasheet(HTML) 1 Page - STMicroelectronics

  VNS3NV04D Datasheet HTML 1Page - STMicroelectronics VNS3NV04D Datasheet HTML 2Page - STMicroelectronics VNS3NV04D Datasheet HTML 3Page - STMicroelectronics VNS3NV04D Datasheet HTML 4Page - STMicroelectronics VNS3NV04D Datasheet HTML 5Page - STMicroelectronics VNS3NV04D Datasheet HTML 6Page - STMicroelectronics VNS3NV04D Datasheet HTML 7Page - STMicroelectronics VNS3NV04D Datasheet HTML 8Page - STMicroelectronics VNS3NV04D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
February 2003
1/14
VNS3NV04D
“OMNIFET II”:
FULLY AUTOPROTECTED POWER MOSFET
1
n LINEAR CURRENT LIMITATION
n THERMAL SHUT DOWN
n SHORT CIRCUIT PROTECTION
n INTEGRATED CLAMP
n LOW CURRENT DRAWN FROM INPUT PIN
n DIAGNOSTIC FEEDBACK THROUGH INPUT
PIN
n ESD PROTECTION
n DIRECT ACCESS TO THE GATE OF THE
POWER MOSFET (ANALOG DRIVING)
n COMPATIBLE WITH STANDARD POWER
MOSFET
DESCRIPTION
The VNS3NV04D is a device formed by two
monolithic
OMNIFET
II
chips
housed in
a
standard SO-8 package. The OMNIFET II are
designed in STMicroelectronics VIPower M0-3
Technology: they are intended for replacement of
standard Power MOSFETS from DC up to 50KHz
applications. Built in thermal shutdown, linear
current limitation and overvoltage clamp protects
the chip in harsh environments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
TYPE
RDS(on)
Ilim
Vclamp
VNS3NV04D
120 m
Ω (*)
3.5 A (*)
40 V (*)
SO-8
BLOCK DIAGRAM
SOURCE2
OVERVOLTAGE
LINEAR
DRAIN1
SOURCE1
CLAMP
CURRENT
LIMITER
OVER
TEMPERATURE
GATE
CONTROL
DRAIN2
OVERVOLTAGE
CLAMP
LINEAR
CURRENT
LIMITER
GATE
CONTROL
OVER
TEMPERATURE
INPUT2
INPUT1
(*)Per each device


Similar Part No. - VNS3NV04D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS3NV04D-E STMICROELECTRONICS-VNS3NV04D-E Datasheet
357Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04D13TR STMICROELECTRONICS-VNS3NV04D13TR Datasheet
249Kb / 14P
   OMNIFET II FULLY AUTOPROTECTED POWER MOSFET
VNS3NV04DP-E STMICROELECTRONICS-VNS3NV04DP-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04DTR-E STMICROELECTRONICS-VNS3NV04DTR-E Datasheet
357Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
More results

Similar Description - VNS3NV04D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB35NV04TR-E STMICROELECTRONICS-VNB35NV04TR-E Datasheet
414Kb / 19P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D13TR STMICROELECTRONICS-VNS1NV04D13TR Datasheet
249Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
September 2013 Rev 4
VND1NV04 STMICROELECTRONICS-VND1NV04 Datasheet
392Kb / 18P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04_04 Datasheet
388Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D-E STMICROELECTRONICS-VNS1NV04D-E Datasheet
252Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04 Datasheet
510Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN7NV04 STMICROELECTRONICS-VNN7NV04 Datasheet
488Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D STMICROELECTRONICS-VNS1NV04D Datasheet
244Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN3NV04 STMICROELECTRONICS-VNN3NV04 Datasheet
418Kb / 21P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNP49N04FI STMICROELECTRONICS-VNP49N04FI Datasheet
133Kb / 14P
   ?쏰MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com