Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMP0817BA0-I Datasheet(PDF) 3 Page - FIDELIX

Part # CMP0817BA0-I
Description  512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0817BA0-I Datasheet(HTML) 3 Page - FIDELIX

  CMP0817BA0-I Datasheet HTML 1Page - FIDELIX CMP0817BA0-I Datasheet HTML 2Page - FIDELIX CMP0817BA0-I Datasheet HTML 3Page - FIDELIX CMP0817BA0-I Datasheet HTML 4Page - FIDELIX CMP0817BA0-I Datasheet HTML 5Page - FIDELIX CMP0817BA0-I Datasheet HTML 6Page - FIDELIX CMP0817BA0-I Datasheet HTML 7Page - FIDELIX CMP0817BA0-I Datasheet HTML 8Page - FIDELIX CMP0817BA0-I Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CMP0817BA0-I
CMOS LPRAM
Revision 0.3
Sep. 2006
3
PRODUCT LIST
48-FBGA, 70ns, VCC=3.0V, VCCQ=3.0V(2.5V,1.8V)
CMP0817BA0-F70I
Function
Part Name
Industrial Temperature Products(-40~85’C)
FUNCTIONAL DESCRIPTION
Active
Word Write
Din
Din
L
L
Active
Upper Byte Write
Din
High-Z
L
H
Active
Lower Byte Write
High-Z
Din
H
L
L
X1)
Active
Word Read
Dout
Dout
L
L
Active
Upper Byte Read
Dout
High-Z
L
H
Active
Lower Byte Read
High-Z
Dout
H
L
H
L
H
L
Active
Output Disabled
High-Z
High-Z
L
X1)
H
H
H
Active
Output Disabled
High-Z
High-Z
X1)
L
H
H
H
L
Standby
Deselect/Power-down
High-Z
High-Z
H
H
X1)
X1)
H
X1)
Standby
Deselect/Power-down
High-Z
High-Z
X1)
X1)
X1)
X1)
L
X1)
Standby
Deselect/Power-down
High-Z
High-Z
X1)
X1)
X1)
X1)
H
H
Power
Mode
I/O9-16
I/O1-8
/UB
/LB
/WE
/OE
CS2
/CS1
1. X means don’t care.(Must be low or high state)
ABSOLUTE MAXIMUM RATINGS1)
’C
-40 to 85
TA
Operating Temperature
’C
-65 to 150
TSTG
Storage temperature
W
1.0
PD
Power Dissipation
V
-0.2 to 3.6
Vcc
Voltage on Vcc supply relative to Vss
V
-0.2 to Vcc+0.3V
VIN, VOUT
Voltage on any pin relative to Vss
Unit
Ratings
Symbol
Item
1. Stresses greater than those listed under
“Absolute Maximum Ratings”
may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for Industrial periods
may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS1)
-0.23)
0.8VCCQ
0
2.7
2.7
Min
CMP0817BA0
0.2VCCQ
VCC+0.22)
0
3.3
3.3
Max
-0.23)
0.8VCCQ
0
2.25
2.7
Min
0.2VCCQ
VCC+0.22)
0
2.75
3.3
Max
1.95
V
3.3
2.7
VCC
Supply voltage
0.2VCCQ
VCC+0.22)
0
Max
V
-0.23)
VIL
Input low voltage
V
0.8VCCQ
VIH
Input high voltage
V
0
VSS
Ground
V
1.65
VCCQ
I/O operating voltage (VCCQ ≤ VCC)
Unit
Min
Symbol
Item
Note :
1.TA=-40 to 85’C, otherwise specified.
2. Overshoot : Vcc+1.0V in case of pulse width≤20ns.
3. Undershoot : -1.0V in case of pulse width≤20ns.
4. Overshoot and undershoot are sampled, not 100% tested.
1. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER


Similar Part No. - CMP0817BA0-I

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0817BA1 FIDELIX-CMP0817BA1 Datasheet
215Kb / 12P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA2 FIDELIX-CMP0817BA2 Datasheet
215Kb / 12P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA4 FIDELIX-CMP0817BA4 Datasheet
215Kb / 12P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA5 FIDELIX-CMP0817BA5 Datasheet
215Kb / 12P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-F70I FIDELIX-CMP0817BA8-F70I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - CMP0817BA0-I

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BAX-E FIDELIX-CMP0817BAX-E Datasheet
215Kb / 12P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
Emerging Memory & Logic...
EM680FV16A EMLSI-EM680FV16A Datasheet
96Kb / 11P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FV16A EMLSI-EM681FV16A Datasheet
385Kb / 10P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4008U2G SAMSUNG-K6F4008U2G Datasheet
155Kb / 9P
   512K x 8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4008U2E SAMSUNG-K6F4008U2E Datasheet
110Kb / 9P
   512K x 8 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com