Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SAB720M8 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAB720M8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAB720M8 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP8SAB720M8 Datasheet HTML 5Page - National Semiconductor (TI) COP8SAB720M8 Datasheet HTML 6Page - National Semiconductor (TI) COP8SAB720M8 Datasheet HTML 7Page - National Semiconductor (TI) COP8SAB720M8 Datasheet HTML 8Page - National Semiconductor (TI) COP8SAB720M8 Datasheet HTML 9Page - National Semiconductor (TI) COP8SAB720M8 Datasheet HTML 10Page - National Semiconductor (TI) COP8SAB720M8 Datasheet HTML 11Page - National Semiconductor (TI) COP8SAB720M8 Datasheet HTML 12Page - National Semiconductor (TI) COP8SAB720M8 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.6V to V
CC +0.6V
ESD Protection Level
2 kV
(Human Body Model)
Total Current into V
CC Pin (Source)
80 mA
Total Current out of GND Pin (Sink)
100 mA
Storage Temperature Range
−65˚C to +140˚C
Note 10:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.7
5.5
V
Power Supply Rise Time from 0.0V
(Note 17)
(On-Chip Power-On Reset Selected)
10 ns
50 ms
V
CC Start Voltage to Guarantee POR
0.25
V
Power Supply Ripple (Note 12)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 13)
CKI = 10 MHz
V
CC = 5.5V, tC = 1 µs
6.0
mA
HALT Current (Note 14) — WATCHDOG Disabled
V
CC = 5.5V, CKI = 0 MHz
<4
10.0
µA
IDLE Current (Note 13)
CKI = 10 MHz
V
CC = 5.5V, tC = 1 µs
1.5
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
CC
V
Logic Low
0.2 V
CC
V
CKI, All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Value of the Internal Bias Resistor
0.5
1.0
2.0
M
for the Crystal/Resonator Oscillator
CKI Resistance to V
CC or GND when R/C
V
CC = 5.5V
5
8
11
k
Oscillator is Selected
Hi-Z Input Leakage (same as TRI-STATE output)
V
CC = 5.5V
−2
+2
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis
0.25 V
CC
V
www.national.com
9


Similar Part No. - COP8SAB720M8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SAB720M8 NSC-COP8SAB720M8 Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Texas Instruments
COP8SAB720M8 TI-COP8SAB720M8 Datasheet
820Kb / 62P
[Old version datasheet]   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
More results

Similar Description - COP8SAB720M8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SA NSC-COP8SA Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Texas Instruments
COP8SAA5 TI-COP8SAA5 Datasheet
820Kb / 62P
[Old version datasheet]   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
National Semiconductor ...
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
   FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com