Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA51890A Datasheet(PDF) 6 Page - Agamem Microelectronic Inc.

Part # AA51890A
Description  SERVO MOTOR CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA51890A Datasheet(HTML) 6 Page - Agamem Microelectronic Inc.

  AA51890A Datasheet HTML 1Page - Agamem Microelectronic Inc. AA51890A Datasheet HTML 2Page - Agamem Microelectronic Inc. AA51890A Datasheet HTML 3Page - Agamem Microelectronic Inc. AA51890A Datasheet HTML 4Page - Agamem Microelectronic Inc. AA51890A Datasheet HTML 5Page - Agamem Microelectronic Inc. AA51890A Datasheet HTML 6Page - Agamem Microelectronic Inc. AA51890A Datasheet HTML 7Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Agamem Microelectronics Inc.
AA51890
PRELIMINARY
SERVO MOTOR CONTROLLER
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/5/5
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
6
B. H-Bridge MOSFET Driver
■ ORDERING INFORMATION
ORDER NO.
PACKAGE
PACKING
Q’TY
MARK CHART
AA51890A
TSSOP 16L
TAPE & REEL
2,500ea
AA51890
XXXX
A


Similar Part No. - AA51890A

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
List of Unclassifed Man...
AA51880 ETC-AA51880 Datasheet
282Kb / 5P
   SERVO MOTOR CONTROLLER
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51880C AGAMEM-AA51880C Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51880F AGAMEM-AA51880F Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
More results

Similar Description - AA51890A

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
   SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
   SERVO MOTOR CONTROLLER
logo
New Japan Radio
NJM2611 NJRC-NJM2611 Datasheet
270Kb / 10P
   SERVO MOTOR CONTROLLER
logo
List of Unclassifed Man...
AA51880 ETC-AA51880 Datasheet
282Kb / 5P
   SERVO MOTOR CONTROLLER
logo
Agamem Microelectronic ...
AA51881 AGAMEM-AA51881 Datasheet
296Kb / 7P
   SERVO MOTOR CONTROLLER
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
   DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HA16671MP HITACHI-HA16671MP Datasheet
297Kb / 12P
   Voice Coil Motor (VCM) Servo Controller
logo
Festo Corporation.
EMMT-AS-60-L-HS-RM FESTO-EMMT-AS-60-L-HS-RM Datasheet
99Kb / 2P
   Servo motor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com