Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA51882 Datasheet(PDF) 5 Page - Agamem Microelectronic Inc.

Part # AA51882
Description  SERVO MOTOR CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA51882 Datasheet(HTML) 5 Page - Agamem Microelectronic Inc.

  AA51882 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA51882 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA51882 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA51882 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA51882 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA51882 Datasheet HTML 6Page - Agamem Microelectronic Inc. AA51882 Datasheet HTML 7Page - Agamem Microelectronic Inc. AA51882 Datasheet HTML 8Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Agamem Microelectronics Inc.
AA51882
PRELIMINARY
SERVO MOTOR CONTROLLER
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/5/5
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
5
■ FUNCTIONAL DESCRIPTION
(1) Voltage Regulator
This circuit is composed of a band gap circuit, and outputs a 2.5-volt temperature
compensated reference voltage. This reference voltage is stabilized when the supply voltage
is variable.
(2) Sawtooth wave & One-Shot Generator
Connect a capacitor to CT pin will generate a triangular wave by constant current charging. A
typical value is 0.1uF. The constant current is determined by a resistor connected to RT pin. A
typical capacitor of approximately 0.1uF should be connected in parallel with the resistor to
increase stability.
(3) Servo Position & Over-Time logic
This circuitry consists of a pulse width comparator, which compares the servo position
detection signal (POT pin) from the one-shot timer (CT pin) whose period depends on the
resistance of a potentiometer connected to the servo's drive shaft. This feedback provides the
stability for the control circuitry.
(4) Pulse Stretcher
The difference between the servo control signal and the feedback signal is the error signal.
This error signal is used to toggle the direction of the current flows through the servo. The
function of this pulse stretcher is to “stretch” the small error signal long enough and increases
the duty cycle to the motor for it can maintain sufficient holding force. The circuit also
implements a “dead band” function that prevents servo jitter and hunting. This is a range over
which differences between the input and reference signals will not cause servo operation.
When the signal differences exceed this “dead band” range, the servo will start to shift. The
dead band will change according to the value of capacitor connected to the CDB pin.
(5) Directional Logic Control
The comparator circuit compares pulses from the servo control input (VIN pin) and the voltage
controlled pulse generator. It provides either a positive or a negative output depending on
whether the signal pulse width is larger or smaller than the position generator’s output pulse
(POT pin). Application of this error voltage to the motor driver circuit causes the motor to turn in
a direction that will minimize the error until both pulse widths are the same.
(6) PWM Control
This signal generated by directional logic control block is used to control a flip-flop that toggles
the direction the current flows through the motor. The outputs of the flip-flop drive an external
H-Bridge output driver that handles the high current going through the motor. This output of
this block will be turned on or off with each input pulse based on the status of the directional
logic. The PWM drive techniques provide the benefits of reduced power dissipation, improved
servo motor performance and positively affect system efficiency.


Similar Part No. - AA51882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA51880 ETC-AA51880 Datasheet
282Kb / 5P
   SERVO MOTOR CONTROLLER
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51880C AGAMEM-AA51880C Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51880F AGAMEM-AA51880F Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51880P AGAMEM-AA51880P Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
More results

Similar Description - AA51882

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
   SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
   SERVO MOTOR CONTROLLER
logo
New Japan Radio
NJM2611 NJRC-NJM2611 Datasheet
270Kb / 10P
   SERVO MOTOR CONTROLLER
logo
List of Unclassifed Man...
AA51880 ETC-AA51880 Datasheet
282Kb / 5P
   SERVO MOTOR CONTROLLER
logo
Agamem Microelectronic ...
AA51881 AGAMEM-AA51881 Datasheet
296Kb / 7P
   SERVO MOTOR CONTROLLER
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
   DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HA16671MP HITACHI-HA16671MP Datasheet
297Kb / 12P
   Voice Coil Motor (VCM) Servo Controller
logo
Festo Corporation.
EMMT-AS-60-L-HS-RM FESTO-EMMT-AS-60-L-HS-RM Datasheet
99Kb / 2P
   Servo motor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com