Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA8631 Datasheet(PDF) 5 Page - Agamem Microelectronic Inc.

Part # AA8631
Description  LOW VOLTAGE VIDEO AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA8631 Datasheet(HTML) 5 Page - Agamem Microelectronic Inc.

  AA8631 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA8631 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA8631 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA8631 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA8631 Datasheet HTML 5Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Agamem Microelectronics Inc.
AA8631
PRELIMINARY
LOW VOLTAGE VIDEO AMPLIFIER
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/5/5
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
5
■ ORDERING INFORMATION
ORDER NO.
PACKAGE
PACKING
ONE REEL Q’TY
MARK CHART
AA8631A
SOT26L
Tape & Reel
3,000ea
■ PACKAGE DIMENSIONS
DIMENSIONS IN
MILLIMETERS
SYMBOLS
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
---
0.10
A2
0.70
0.80
0.90
B
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
---
1.90(TYP)
---
H
2.60
2.80
3.00
L
0.37
---
---
θ1
5∘
e1
---
0.95(TYP)
---
8631
XXXA
NOTES ON USE
1.
PACKAGE BODY SIZES
EXCLUDE MOLD FLAH
PROTRUSIONS OR
GATE BURRS
2.
TOLERANCE
±0.1000mm(4mil)
UNLESS OTHERWISE
SPECIFIED
3.
COPLANARIT :
0.1000mm
4.
DIMENSIONL IS
MEASURED IN GAGE
PLANE


Similar Part No. - AA8631

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
   VIDEO AMPLIFIER
AA8630A AGAMEM-AA8630A Datasheet
153Kb / 6P
   VIDEO AMPLIFIER
AA8632 AGAMEM-AA8632 Datasheet
185Kb / 8P
   Dual Video Amplifier
More results

Similar Description - AA8631

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8641 AGAMEM-AA8641 Datasheet
195Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER
logo
New Japan Radio
NJM2563 NJRC-NJM2563 Datasheet
118Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561 NJRC-NJM2561 Datasheet
128Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561A NJRC-NJM2561A Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575F1-TE1 NJRC-NJM2575F1-TE1 Datasheet
812Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2578 NJRC-NJM2578 Datasheet
828Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2562 NJRC-NJM2562 Datasheet
119Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575 NJRC-NJM2575 Datasheet
805Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2571 NJRC-NJM2571 Datasheet
450Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com