Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT157CTD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT157CTD
Description  QUAD 2-INPUT MULTIPLEXERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT157CTD Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT157CTD Datasheet HTML 1Page - Texas Instruments CY74FCT157CTD Datasheet HTML 2Page - Texas Instruments CY74FCT157CTD Datasheet HTML 3Page - Texas Instruments CY74FCT157CTD Datasheet HTML 4Page - Texas Instruments CY74FCT157CTD Datasheet HTML 5Page - Texas Instruments CY74FCT157CTD Datasheet HTML 6Page - Texas Instruments CY74FCT157CTD Datasheet HTML 7Page - Texas Instruments CY74FCT157CTD Datasheet HTML 8Page - Texas Instruments CY74FCT157CTD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY54FCT157T, CY74FCT157T
QUAD 2-INPUT MULTIPLEXERS
WITH 3-STATE OUTPUTS
SCCS014B – MAY 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PIN DESCRIPTION
NAME
DESCRIPTION
S
Common select input
E
Enable inputs (active low)
I0
Data inputs from source 0
I1
Data inputs from source 1
Y
Noninverted outputs
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
4.3
CY74FCT157CTQCT
FT157-3
SOIC
SO
Tube
4.3
CY74FCT157CTSOC
FCT157C
40
°Cto85°C
SOIC – SO
Tape and reel
4.3
CY74FCT157CTSOCT
FCT157C
–40
°C to 85°C
QSOP – Q
Tape and reel
5
CY74FCT157ATQCT
FT157-1
SOIC
SO
Tube
5
CY74FCT157ATSOC
FCT157A
SOIC – SO
Tape and reel
5
CY74FCT157ATSOCT
FCT157A
–55
°C to 125°C
LCC – L
Tube
5.8
CY54FCT157ATLMB
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
E
S
I0
I1
Y
H
X
X
X
L
L
HX
L
L
L
HX
H
H
L
LL
X
L
L
L
H
X
H
H = High logic level, L = Low logic level,
X = Don’t care


Similar Part No. - CY74FCT157CTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT157CTQCT TI-CY74FCT157CTQCT Datasheet
64Kb / 6P
[Old version datasheet]   Quad 2-Input Multiplexer
CY74FCT157CTSOC TI-CY74FCT157CTSOC Datasheet
64Kb / 6P
[Old version datasheet]   Quad 2-Input Multiplexer
CY74FCT157CTSOCT TI-CY74FCT157CTSOCT Datasheet
64Kb / 6P
[Old version datasheet]   Quad 2-Input Multiplexer
More results

Similar Description - CY74FCT157CTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C157 NSC-MM54C157 Datasheet
100Kb / 4P
   Quad 2-Input Multiplexers
logo
Texas Instruments
CD54-74AC157 TI-CD54-74AC157 Datasheet
181Kb / 7P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXERS
logo
Fairchild Semiconductor
MM74C157 FAIRCHILD-MM74C157 Datasheet
40Kb / 4P
   Quad 2-Input Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
HD74HC298 HITACHI-HD74HC298 Datasheet
43Kb / 8P
   Quad. 2-input Multiplexers (with storage)
logo
Intersil Corporation
HCS157MS INTERSIL-HCS157MS Datasheet
168Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com