Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4838A Datasheet(PDF) 8 Page - Agamem Microelectronic Inc.

Part # AA4838A
Description  AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA4838A Datasheet(HTML) 8 Page - Agamem Microelectronic Inc.

Back Button AA4838A Datasheet HTML 4Page - Agamem Microelectronic Inc. AA4838A Datasheet HTML 5Page - Agamem Microelectronic Inc. AA4838A Datasheet HTML 6Page - Agamem Microelectronic Inc. AA4838A Datasheet HTML 7Page - Agamem Microelectronic Inc. AA4838A Datasheet HTML 8Page - Agamem Microelectronic Inc. AA4838A Datasheet HTML 9Page - Agamem Microelectronic Inc. AA4838A Datasheet HTML 10Page - Agamem Microelectronic Inc. AA4838A Datasheet HTML 11Page - Agamem Microelectronic Inc. AA4838A Datasheet HTML 12Page - Agamem Microelectronic Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Agamem Microelectronics Inc.
AA4838
PRELIMINARY
AUDIO POWER AMPLIFIER
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/8/26
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
8
TRUTH TABLE FOR LOGIC INPUTS (Note)
Gain
Sel
Mode Headphone
Sense
Mute Shutdown Output Stage
Set To
DC Volume
Output Stage
Configuration
0
0
0
0
0
Internal Gain
Fixed
BTL
0
0
1
0
0
Internal Gain
Fixed
SE
0
1
0
0
0
Internal Gain
Adjustable
BTL
0
1
1
0
0
Internal Gain
Adjustable
SE
1
0
0
0
0
External Gain
Fixed
BTL
1
0
1
0
0
External Gain
Fixed
SE
1
1
0
0
0
External Gain
Adjustable
BTL
1
1
1
0
0
External Gain
Adjustable
SE
X
X
X
1
0
Muted
X
Muted
X
X
X
X
1
Shutdown
X
X
Note: If system beep is detected on the Beep In pin, the system beep will be passed through
the bridged amplifier regardless of the logic of the Mute and HP sense pins.
APPLICATION INFORMATION
• PCB LAYOUT AND SUPPLY REGULATION CONSIDERATIONS FOR DRIVING 3Ω AND
4Ω LOADS
Power dissipated by a load is a function of the voltage swing across the load and the load’s
impedance. As load impedance decreases, load dissipation becomes increasingly dependent
on the interconnect (PCB trace and wire) resistance between the amplifier output pins and the
load’s connections. Residual trace resistance causes a voltage drop, which results in power
dissipated in the trace and not in the load as desired. For example, 0.1Ω trace resistance
reduces the output power dissipated by a 4Ω load from 2.1W to 2.0W. This problem of
decreased load dissipation is exacerbated as load impedance decreases. Therefore, to
maintain the highest load dissipation and widest output voltage swing, PCB traces that
connect the output pins to a load must be as wide as possible. Poor power supply regulation
adversely affects maximum output power. A poorly regulated supply’s output voltage
decreases with increasing load current. Reduced supply voltage causes decreased headroom,
output signal clipping, and reduced output power. Even with tightly regulated sup- plies, trace
resistance creates the same effects as poor supply regulation. Therefore, making the power
supply traces as wide as possible helps maintain full output voltage swing.
• BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 2, the AA4838 output stage consists of two pairs of operational amplifiers,
forming a two-channel (channel A and channel B) stereo amplifier. (Though the following
discusses channel A, it applies equally to channel B.) Figure 2 shows that the first amplifier’s


Similar Part No. - AA4838A

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
AA48D12-0.41 DATEL-AA48D12-0.41 Datasheet
145Kb / 1P
   One by One, 10-Watt, 짹12 Volts Output
AA48D15-0.33 DATEL-AA48D15-0.33 Datasheet
145Kb / 1P
   One by One, 10-Watt, 짹15 Volts Output
AA48D5-1 DATEL-AA48D5-1 Datasheet
156Kb / 1P
   One by One, 10-Watt, 짹5 Volts Output
AA48S12-0.83 DATEL-AA48S12-0.83 Datasheet
136Kb / 1P
   One by One, 10-Watt, 12 Volts Output
AA48S3.3-2.5 DATEL-AA48S3.3-2.5 Datasheet
136Kb / 1P
   One by One, 10-Watt, 3.3 Volts Output
More results

Similar Description - AA4838A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com