Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4556S Datasheet(PDF) 1 Page - Agamem Microelectronic Inc.

Part # AA4556S
Description  DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA4556S Datasheet(HTML) 1 Page - Agamem Microelectronic Inc.

  AA4556S Datasheet HTML 1Page - Agamem Microelectronic Inc. AA4556S Datasheet HTML 2Page - Agamem Microelectronic Inc. AA4556S Datasheet HTML 3Page - Agamem Microelectronic Inc. AA4556S Datasheet HTML 4Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agamem Microelectronics Inc.
AA4556
PRELIMINARY
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2009/01/05
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
1
■ DESCRIPTION
The AA4556 integrated circuit is a high-gain, high output current dual operational amplifier
capable of driving ±70mA into 150
loads (10.5V output voltage), and operating low supply
voltage(V+/V- = ±2V~).The AA4556 has the capability of driving 150
loads. In addition, the
wide band-width, low noise, high slew rate and low distortion of the AA4556 make it ideal for
many audio, telecommunications and instrumentation applications.
■ FEATURES
• Operating Voltage
(
±2V ~ ±18V)
• High Output Current
(lo=70mA)
• Slew Rate
(3.5V/
μs)
• Gain Band Width Product
(8MHz)
• Bipolar Technology
■ APPLICATION
• Audio Technology
• Telecommunication Circuit
• Instrumentation Application
■ BLOCK DIAGRAM


Similar Part No. - AA4556S

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
AA45D12-0.62 DATEL-AA45D12-0.62 Datasheet
132Kb / 1P
   One by One, 15-Watt, 짹12 Volts Output
AA45D12-1.25 DATEL-AA45D12-1.25 Datasheet
132Kb / 1P
   One by One, 30-Watt, 짹12 Volts Output
AA45D15-0.5 DATEL-AA45D15-0.5 Datasheet
131Kb / 1P
   One by One, 15-Watt, 짹15 Volts Output
AA45D15-1 DATEL-AA45D15-1 Datasheet
131Kb / 1P
   One by One, 30-Watt, 짹15Volts Output
AA45D5-1.5 DATEL-AA45D5-1.5 Datasheet
131Kb / 1P
   One by One, 15-Watt, 짹5 Volts Output
More results

Similar Description - AA4556S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_15 Datasheet
253Kb / 6P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
3308 UTC-3308_09 Datasheet
250Kb / 6P
   DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
[Old version datasheet]   High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
   High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK182 MSK-MSK182 Datasheet
480Kb / 8P
   DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com