Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7241CDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7241CDWR
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7241CDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7241CDWR Datasheet HTML 7Page - Texas Instruments ISO7241CDWR Datasheet HTML 8Page - Texas Instruments ISO7241CDWR Datasheet HTML 9Page - Texas Instruments ISO7241CDWR Datasheet HTML 10Page - Texas Instruments ISO7241CDWR Datasheet HTML 11Page - Texas Instruments ISO7241CDWR Datasheet HTML 12Page - Texas Instruments ISO7241CDWR Datasheet HTML 13Page - Texas Instruments ISO7241CDWR Datasheet HTML 14Page - Texas Instruments ISO7241CDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 3.3-V OPERATION
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com........................................................................................................................................ SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL Propagation delay
25
56
ISO724xC
ns
PWD
Pulse-width distortion |tPHL – tPLH|
(1)
4
See Figure 1
tPLH, tPHL Propagation delay
12
34
ISO724xM
ns
PWD
Pulse-width distortion |tPHL – tPLH|
(1)
1
2
ISO724xC
10
tsk(pp)
Part-to-part skew (2)
ns
ISO724xM
0
5
ISO724xC
3.5
tsk(o)
Channel-to-channel output skew (3)
ns
ISO724xM
0
1
tr
Output signal rise time
2
ns
See Figure 1
tf
Output signal fall time
2
ns
tPHZ
Propagation delay, high-level-to-high-impedance output
15
20
tPZH
Propagation delay, high-impedance-to-high-level output
15
20
See Figure 2
ns
tPLZ
Propagation delay, low-level-to-high-impedance output
15
20
tPZL
Propagation delay, high-impedance-to-low-level output
15
20
tfs
Failsafe output delay time from input power loss
See Figure 3
18
µs
twake
Wake time from input disable
See Figure 4
15
µs
150 Mbps PRBS NRZ data input,
tjit(pp)
Peak-to-peak eye-pattern jitter
ISO724xM
same polarity input on all channels,
1
ns
See Figure 6
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M


Similar Part No. - ISO7241CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7241CDWR TI-ISO7241CDWR Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7241CDWR TI-ISO7241CDWR Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7241CDWR TI-ISO7241CDWR Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7241CDWR TI1-ISO7241CDWR Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7241CDWR TI1-ISO7241CDWR Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
More results

Similar Description - ISO7241CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com