Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA393 Datasheet(PDF) 5 Page - Agamem Microelectronic Inc.

Part # AA393
Description  Low power dual voltage comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA393 Datasheet(HTML) 5 Page - Agamem Microelectronic Inc.

  AA393 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA393 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA393 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA393 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA393 Datasheet HTML 5Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Agamem Microelectronics Inc.
AA393
PRELIMINARY
Low power dual voltage comparator
SOP-8 – AA393S – PACKAGE DIMENSION
2008/1/3
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT
FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR
CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS.
5
DIMENSIONS IN MILLIMETERS DIMENSIONS IN INCHES
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
1.35
1.60
1.75
0.053
0.063
0.069
A1
0.10
- - -
0.25
0.004
- - -
0.010
A2
- - -
1.45
- - -
- - -
0.057
- - -
b
0.33
- - -
0.51
0.013
- - -
0.020
C
0.19
- - -
0.25
0.007
- - -
0.010
D
4.80
- - -
5.00
0.189
- - -
0.197
E
3.80
- - -
4.00
0.150
- - -
0.157
e
- - -
1.27
- - -
- - -
0.050
- - -
H
5.80
- - -
6.20
0.228
- - -
0.244
L
0.40
- - -
1.27
0.016
- - -
0.050
y
- - -
- - -
0.10
- - -
- - -
0.004
θ
- - -
- - -
NOTES:
1.
Package body sizes exclude
moldflash protrusions or gate
burns.
2.
Tolerance ± 0.1 ㎜ (4 mil)
unless otherwise specified
3.
Coplanarity: 0.1 mm
4.
Controlling dimension is
millimeter converted inch
dimensions are not necessarily
exact
5.
Followed from JEDEC MS-012


Similar Part No. - AA393

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AA39-00070A TOSHIBA-AA39-00070A Datasheet
5Mb / 70P
   COLOUR TELEVISION
AA39-00225A TOSHIBA-AA39-00225A Datasheet
5Mb / 70P
   COLOUR TELEVISION
AA39-00235A TOSHIBA-AA39-00235A Datasheet
5Mb / 70P
   COLOUR TELEVISION
AA39-00236A TOSHIBA-AA39-00236A Datasheet
5Mb / 70P
   COLOUR TELEVISION
AA39-20009E TOSHIBA-AA39-20009E Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - AA393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
   Low-power dual voltage comparator
Rev 2 - December 2022
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
   Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
logo
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com