Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4624EVB-SO Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4624EVB-SO
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624EVB-SO Datasheet(HTML) 3 Page - Semtech Corporation

  SC4624EVB-SO Datasheet HTML 1Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 2Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 3Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 4Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 5Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 6Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 7Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 8Page - Semtech Corporation SC4624EVB-SO Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
 2008 Semtech Corp.
www.semtech.com
SC4624
POWER MANAGEMENT
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Electrical Characteristics
Unless otherwise specified, V
IN= VCC=SYNC/EN=3.3V, ROSC=51.1KΩ, RISET=27.4KΩ, TJ = -40°C to 125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
Start Threshold Voltage, UVLO
V
IUV
V
IN Rising
2
2.25
V
Hysteresis Voltage, UVLO
V
IUVHY
120
mV
Supply Current, Shutdown
I
SD
V
SYNC = 0V
0.2
1.5
µA
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
Input Voltage Operating Range
V
IN
2.3
5.5
V
Ambient Temperature Range
T
A
-40
105
°C
Junction Temperature
T
J
-40
125
°C
Max. Output Current
I
OUTMAX
0
4
A
Recommended Operating Conditions
The Performance is not guarantied if exceeding the specifications below.
Parameter
Symbol
Maximum
Units
Supply Voltage
PV
IN, VCC
-0.3 to 6
V
PVIN to VCC
+/- 0.3
V
FB, COMP, ISET, SYNC/EN, FS, SS, PGOOD to AGND
-0.3 to VCC+ 0.3
V
PGND to AGND
+/- 0.3
V
PHASE Voltage to PGND
V
PHASE
-0.3 to PVIN+ 0.3
V
PHASE Pulse Voltage to PGND Tpulse < 50ns
V
PHASE
-3 to PVIN+ 2
V
Storage Temperature Range
T
STG
-65 to 150
°C
Junction Temperature
T
J
150
°C
IR Reflow Temperature
T
P
260
°C
Lead Temperature (Soldering) 10 sec for SO Package Only
T
LEAD
300
°C
ESD Protection Level(1)
V
ESD
2
kV
Note:
1) Tested in accordance to JEDEC standard JESD22-A114B.


Similar Part No. - SC4624EVB-SO

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624EVB-SO SEMTECH-SC4624EVB-SO Datasheet
849Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
More results

Similar Description - SC4624EVB-SO

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624 SEMTECH-SC4624 Datasheet
849Kb / 20P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624A SEMTECH-SC4624A Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620_08 Datasheet
1Mb / 19P
   Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
logo
Global Mixed-mode Techn...
G5759 GMT-G5759 Datasheet
94Kb / 1P
   400kHz 4A Synchronous Step-down DC/DC
logo
Linear Technology
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
   4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com