Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4612HMLTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4612HMLTRT
Description  40V Synchronous Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HMLTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4612HMLTRT Datasheet HTML 7Page - Semtech Corporation SC4612HMLTRT Datasheet HTML 8Page - Semtech Corporation SC4612HMLTRT Datasheet HTML 9Page - Semtech Corporation SC4612HMLTRT Datasheet HTML 10Page - Semtech Corporation SC4612HMLTRT Datasheet HTML 11Page - Semtech Corporation SC4612HMLTRT Datasheet HTML 12Page - Semtech Corporation SC4612HMLTRT Datasheet HTML 13Page - Semtech Corporation SC4612HMLTRT Datasheet HTML 14Page - Semtech Corporation SC4612HMLTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
© 2008 Semtech Corp.
www.semtech.com
SC4612H
POWER MANAGEMENT
Applications Information (Cont.)
Under Voltage Lock Out
Under Voltage Lock Out (UVLO) circuitry senses the VDD
through a voltage divider. If this signal falls below 4.5V
(typical) with a 400mV hysteresis (typical), the output driv-
ers are disabled. During the thermal shutdown, the out-
put drivers are disabled.
OVERCURRENT PROTECTION
The SC4612H features low side MOSFET R
DS(ON) current
sensing and hiccup mode over current protection. The
voltage across the bottom FET is sampled approximately
150ns after it is turned on to prevent false tripping due to
ringing of the phase node.
The internally set over current threshold is 100mV typical.
This can be adjusted up or down by connecting a resistor
between ILIM and DRV or GND respectively. When
programming with an external resistor, threshold set point
accuracy will be degraded to 30%. The FET R
DS(ON) at
temperature will typically be 150% or more of the room
temperature value. Allowance should be made for these
sources of error when programming a threshold value.
When an over current event occurs, the SC4612H
immediately disables both gate drives. The SS ramp
continues to its final value, if not already there. Once at
final value, the SS capacitor is discharged at approximately
1uA until SS low value is reached (approx 0.8V). The SS/
Hiccup cycle will then repeat until the fault condition is
removed and the SC4612H starts up normally on the next
SS cycle.
Gate Drive/Control
The SC4612H provides integrated high current drivers for
fast switching of large MOSFETs. The higher gate current
will reduce switching losses of the larger MOSFETs.
The low side gate drive is supplied directly from the DRV.
The high side gate drive is bootstraped from the DRV pin.
Cross conduction prevention circuitry ensures a non over-
lapping (30ns typical) gate drive between the top and bot-
tom MOSFETs. This prevents shoot through losses which
provides higher efficiency. Typical total minimum off time
for the SC4612H is about 30ns.
ERROR AMPLIFIER DESIGN
The SC4612H is a voltage mode buck controller that utilizes
an externally compensated high bandwidth error amplifier
to regulate the output voltage. The power stage of the
synchronous rectified buck converter control-to-output
transfer function is as shown below.
+
+
+
×
=
LC
2
s
L
R
L
s
1
C
C
sESR
1
S
V
IN
V
)
s
(
VD
G
where,
V
IN – Input voltage
L – Output inductance
ESR
C – Output capacitor ESR
V
S – Peak to peak ramp voltage
R
L – Load resistance
C – Output capacitance
The classical Type III compensation network can be built
around the error amplifier as shown below:
R3
C3
R2
R1
C1
Vref
C2
-
+
Figure 1. Voltage mode buck converter compensation
network. The transfer function of the compensation
network is as follows:
)
s
1
)(
s
1
(
)
s
1
)(
s
1
(
s
)
s
(
G
2
P
1
P
2
Z
1
Z
I
COMP
ω
+
ω
+
ω
+
ω
+
ω
=
where,
Cout
Lout
1
,
C
)
R
R
(
1
,
C
R
1
o
2
3
1
2
Z
1
2
1
Z
×
=
ω
+
=
ω
=
ω
3
1
3
1
2
2
P
2
3
1
P
3
1
1
I
C
C
C
C
R
1
,
C
R
1
,
)
C
C
(
R
1
+
=
ω
=
ω
+
=
ω


Similar Part No. - SC4612HMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612HMLTRT SEMTECH-SC4612HMLTRT Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
More results

Similar Description - SC4612HMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 23P
   40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
   40V Synchronous Buck Controller with 2ch CC/CV
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com