Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24423-24SI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C24423-24SI
Description  PSoC짰 Programmable System-on-Chip?
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24423-24SI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C24423-24SI Datasheet HTML 6Page - Cypress Semiconductor CY8C24423-24SI Datasheet HTML 7Page - Cypress Semiconductor CY8C24423-24SI Datasheet HTML 8Page - Cypress Semiconductor CY8C24423-24SI Datasheet HTML 9Page - Cypress Semiconductor CY8C24423-24SI Datasheet HTML 10Page - Cypress Semiconductor CY8C24423-24SI Datasheet HTML 11Page - Cypress Semiconductor CY8C24423-24SI Datasheet HTML 12Page - Cypress Semiconductor CY8C24423-24SI Datasheet HTML 13Page - Cypress Semiconductor CY8C24423-24SI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
CY8C24123
CY8C24223, CY8C24423
Document Number: 38-12011 Rev. *G
Page 10 of 43
32-Pin Part Pinout
Table 6. 32-Pin Part Pinout (MLF*)
Pin
No.
Type
Pin
Name
Description
Figure 9. CY8C24423 32-Pin PSoC Device
Digital Analog
1
IO
P2[7]
2
IO
P2[5]
3
IO
I
P2[3]
Direct switched capacitor block input
4
IO
I
P2[1]
Direct switched capacitor block input
5
Power
Vss
Ground connection
6
Power
SMP
Switch Mode Pump (SMP)
connection to external components
required
7
IO
P1[7]
I2C Serial Clock (SCL)
8
IO
P1[5]
I2C Serial Data (SDA)
9
NC
No connection. Do not use.
10
IO
P1[3]
11
IO
P1[1]
Crystal Input (XTALin), I2C Serial
Clock (SCL)
12
Power
Vss
Ground connection
13
IO
P1[0]
Crystal Output (XTALout), I2C Serial
Data (SDA)
14
IO
P1[2]
15
IO
P1[4]
Optional External Clock Input
(EXTCLK)
16
NC
No connection. Do not use.
17
IO
P1[6]
18
Input
XRES Active high external reset with
internal pull down
19
IO
I
P2[0]
Direct switched capacitor block input
20
IO
I
P2[2]
Direct switched capacitor block input
21
IO
P2[4]
External Analog Ground (AGND)
22
IO
P2[6]
External Voltage Reference (VRef)
23
IO
I
P0[0]
Analog column mux input
24
IO
I
P0[2]
Analog column mux input
25
NC
No connection. Do not use.
26
IO
I
P0[4]
Analog column mux input
27
IO
I
P0[6]
Analog column mux input
28
Power
Vdd
Supply voltage
29
IO
I
P0[7]
Analog column mux input
30
IO
IO
P0[5]
Analog column mux input and
column output
31
IO
IO
P0[3]
Analog column mux input and
column output
32
IO
I
P0[1]
Analog column mux input
LEGEND: A = Analog, I = Input, and O = Output.
* The MLF package has a center pad that must be connected to the same ground as the
Vss pin.
P2[7]
P2[5]
AI, P2[3]
AI, P2[1]
Vss
SMP
MLF
(Top View)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
I2C SCL, P1[7]
I2C SDA, P1[5]
P0[2], AI
P0[0], AI
XRES
P1[6]
P2[6], External VRef
P2[4], External AGND
P2[2], AI
P2[0], AI
[+] Feedback


Similar Part No. - CY8C24423-24SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24423-24SI CYPRESS-CY8C24423-24SI Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C24423-24SIT CYPRESS-CY8C24423-24SIT Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
More results

Similar Description - CY8C24423-24SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com