Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC805A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC805A
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805A Datasheet(HTML) 4 Page - Semtech Corporation

  SC805A_08 Datasheet HTML 1Page - Semtech Corporation SC805A_08 Datasheet HTML 2Page - Semtech Corporation SC805A_08 Datasheet HTML 3Page - Semtech Corporation SC805A_08 Datasheet HTML 4Page - Semtech Corporation SC805A_08 Datasheet HTML 5Page - Semtech Corporation SC805A_08 Datasheet HTML 6Page - Semtech Corporation SC805A_08 Datasheet HTML 7Page - Semtech Corporation SC805A_08 Datasheet HTML 8Page - Semtech Corporation SC805A_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
© 2008 Semtech Corp.
SC805A
www.semtech.com
POWER MANAGEMENT
Parameter
Symbol
Condition
25
°C
TA
(-40
°C to +85°C)
Units
Min
Typ
Max
Min
Max
En-NTC Thresholds
VT
DIS
SC805A Disable
< 1.1
0.7
V
VT
NTCH
NTC Hot Vth Vcc = 5
0.3V
CC
0.294V
CC
0.314V
CC
V
VT
NTCC
NTC Cold Vth Vcc = 5
0.75V
CC
0.736V
CC
0.756V
CC
V
VT
NOBAT
No Battery Detect,
Vcc = 5
0.95V
CC
0.93V
CC
0.97V
CC
V
NTC
HYS
Hot/Cold Hysteresis
50
mV
Over-Temperature
Shutdown
OT
Hysteresis = 10°C
150
°C
CHRGB LED
Output
VCB
VOH
Charge Complete
Isrc = 2mA
4.5
4.3
5.0
V
VCB
VOL
Charging Isnk = 2mA
0.2
0.05
0.5
V
ICB
OFF
Disable or LDO-mode
Off-leakage
0.1
1.0
μA
NOBAT Output
VNB
VOH
EN = VCC, Isrc = 1mA
4.8
4.5
V
INB
OFF
EN = VCC/2
Off-Leakage
0.1
1.0
μA
VCCIL Resistance
VCCIL
R
R VCC to VCCIL,
1 = 100mA
0.2
Ω
Reduced
Fast-Charge Current
lfqRed
Vout = 3.8V,
Rprog = 1.87k,
VCCIL Load = 200mA
585
545
625
mA
Electrical Characteristics (Cont.)
Note:
(1) Charge current is reduced by VCCIL current. VCCIL current is not limited by the IC.


Similar Part No. - SC805A_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC805AEVB SEMTECH-SC805AEVB Datasheet
702Kb / 17P
   Miniature Integrated High Current Lithium-Ion Battery Charger
SC805AMLTRT SEMTECH-SC805AMLTRT Datasheet
702Kb / 17P
   Miniature Integrated High Current Lithium-Ion Battery Charger
More results

Similar Description - SC805A_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC805 SEMTECH-SC805 Datasheet
283Kb / 15P
   Miniature Integrated High Current Lithium-Ion Battery Charger
SC805A SEMTECH-SC805A Datasheet
702Kb / 17P
   Miniature Integrated High Current Lithium-Ion Battery Charger
SC806 SEMTECH-SC806 Datasheet
413Kb / 13P
   Miniature High Current Lithium-Ion Battery Charger
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Semtech Corporation
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
   Fully Integrated High Currnet Lithium-Ion Battery Charger System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com