Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25512Y7-YH-T Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25512Y7-YH-T
Description  SPI Serial EEPROM 512K (65,536 x 8)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25512Y7-YH-T Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25512Y7-YH-T Datasheet HTML 3Page - ATMEL Corporation AT25512Y7-YH-T Datasheet HTML 4Page - ATMEL Corporation AT25512Y7-YH-T Datasheet HTML 5Page - ATMEL Corporation AT25512Y7-YH-T Datasheet HTML 6Page - ATMEL Corporation AT25512Y7-YH-T Datasheet HTML 7Page - ATMEL Corporation AT25512Y7-YH-T Datasheet HTML 8Page - ATMEL Corporation AT25512Y7-YH-T Datasheet HTML 9Page - ATMEL Corporation AT25512Y7-YH-T Datasheet HTML 10Page - ATMEL Corporation AT25512Y7-YH-T Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
5165E–SEEPR–8/08
AT25512
WRITE ENABLE (WREN): The device will power-up in the write disable state when V
CC is
applied. All programming instructions must therefore be preceded by a Write Enable instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write Disable
instruction disables all programming modes. The WRDI instruction is independent of the status
of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides access to
the status register. The Ready/Busy and Write Enable status of the device can be determined by
the RDSR instruction. Similarly, the Block Write Protection bits indicate the extent of protection
employed. These bits are set by using the WRSR instruction.
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of
four levels of protection. The AT25512 is divided into four array segments. Top quarter (1/4), top
half (1/2), or all of the memory segments can be protected. Any of the data within any selected
segment will therefore be read only. The block write protection levels and corresponding status
register control bits are shown in Table 3-4.
Table 3-1.
Instruction Set for the AT25512
Instruction Name
Instruction Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Latch
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 X011
Read Data from Memory Array
WRITE
0000 X010
Write Data to Memory Array
Table 3-2.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
X
X
X
BP1
BP0
WEN
RDY
Table 3-3.
Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = “0” (RDY) indicates the device is ready.
Bit 0 = “1” indicates the write cycle is in progress.
Bit 1 (WEN)
Bit 1 = 0 indicates the device is not write enabled. Bit 1 = “1” indicates
the device is write enabled.
Bit 2 (BP0)
See
Table 3-4 on page 8.
Bit 3 (BP1)
See
Table 3-4 on page 8.
Bits 4
−6 are 0s when device is not in an internal write cycle.
Bit 7 (WPEN)
See
Table 3-5 on page 8.
Bits 0
−7 are “1”s during an internal write cycle.


Similar Part No. - AT25512Y7-YH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25512 ATMEL-AT25512 Datasheet
398Kb / 17P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
More results

Similar Description - AT25512Y7-YH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
logo
ACE Technology Co., LTD...
ACE25GD512 ACE-ACE25GD512 Datasheet
182Kb / 3P
   SPI 512K Bits Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
logo
ATMEL Corporation
AT24C512C-XHM-B ATMEL-AT24C512C-XHM-B Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
AT24C512C-SSHM-T ATMEL-AT24C512C-SSHM-T Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
logo
Microchip Technology
AT24C512C MICROCHIP-AT24C512C Datasheet
1Mb / 43P
   I짼C-Compatible (Two-Wire) Serial EEPROM 512?멚bit (65,536 x 8)
2019-2021
logo
STMicroelectronics
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com