Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C01BY6-YH-T Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C01BY6-YH-T
Description  Two-wire Serial EEPROM 1K (128 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01BY6-YH-T Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C01BY6-YH-T Datasheet HTML 2Page - ATMEL Corporation AT24C01BY6-YH-T Datasheet HTML 3Page - ATMEL Corporation AT24C01BY6-YH-T Datasheet HTML 4Page - ATMEL Corporation AT24C01BY6-YH-T Datasheet HTML 5Page - ATMEL Corporation AT24C01BY6-YH-T Datasheet HTML 6Page - ATMEL Corporation AT24C01BY6-YH-T Datasheet HTML 7Page - ATMEL Corporation AT24C01BY6-YH-T Datasheet HTML 8Page - ATMEL Corporation AT24C01BY6-YH-T Datasheet HTML 9Page - ATMEL Corporation AT24C01BY6-YH-T Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
5156E–SEEPR–10/08
AT24C01B
3.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device.
Data on the SDA pin may change only during SCL low time periods (see Figure 5-2 on page 8).
Data changes during SCL high periods will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which
must precede any other command (see Figure 5-3 on page 8).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a
read sequence, the stop command will place the EEPROM in a standby power mode (see Fig-
ure 5-3 on page 8).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each
word. This happens during the ninth clock cycle.
STANDBY MODE: The AT24C01B features a low-power standby mode which is enabled: (a)
upon power-up and (b) after the receipt of the STOP bit and the completion of any internal
operations.
2-WIRE SOFTWARE RESET: After an interruption in protocol, power loss or system reset, any
2-wire part can be protocol reset by following these steps: (a) Create a start bit condition, (b)
Clock 9 cycles, (c) Create another start bit followed by a stop bit condition as shown below. The
device is ready for next communication after above steps have been completed.
Start bit
Stop bit
Start bit
Dummy Clock Cycles
SCL
SDA
12
3
8
9


Similar Part No. - AT24C01BY6-YH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B Datasheet
506Kb / 21P
   Two-wire Serial EEPROM
AT24C01B ATMEL-AT24C01B Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01B-TP25-B ATMEL-AT24C01B-TP25-B Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01B-TP25-T ATMEL-AT24C01B-TP25-T Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01BN-SP25-B ATMEL-AT24C01BN-SP25-B Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
More results

Similar Description - AT24C01BY6-YH-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com