Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT34C02C Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT34C02C_08 Datasheet HTML 4Page - ATMEL Corporation AT34C02C_08 Datasheet HTML 5Page - ATMEL Corporation AT34C02C_08 Datasheet HTML 6Page - ATMEL Corporation AT34C02C_08 Datasheet HTML 7Page - ATMEL Corporation AT34C02C_08 Datasheet HTML 8Page - ATMEL Corporation AT34C02C_08 Datasheet HTML 9Page - ATMEL Corporation AT34C02C_08 Datasheet HTML 10Page - ATMEL Corporation AT34C02C_08 Datasheet HTML 11Page - ATMEL Corporation AT34C02C_08 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
5185D–SEEPR–1/08
AT34C02C
Figure 4-5.
Output Acknowledge
5. Device Addressing
The 2K EEPROM device requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation (see Figure 8-1 on page 13).
The device address word consists of a mandatory one-zero sequence for the first four most-sig-
nificant bits (1010) for normal read and write operations and 0110 for writing to the write protect
register.
The next 3 bits are the A2, A1 and A0 device address bits for the AT34C02C EEPROM. These 3
bits must compare to their corresponding hard-wired input pins.
The eighth bit of the device address is the read/write operation select bit. A read operation is ini-
tiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not
made, the chip will return to a standby state. The device will not acknowledge if the write protect
register has been programmed and the control code is 0110.
6. Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data
word, the EEPROM will output a zero and the addressing device, such as a microcontroller,
must terminate the write sequence with a stop condition. At this time the EEPROM enters an
internally-timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during this
write cycle and the EEPROM will not respond until the write is complete (see Figure 8-2 on page
13).
The device will acknowledge a write command, but not write the data, if the software or hard-
ware write protection has been enabled. The write cycle time must be observed even when the
write protection is enabled.
PAGE WRITE: The 2K device is capable of 16-byte page write.


Similar Part No. - AT34C02C_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
More results

Similar Description - AT34C02C_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
logo
Microchip Technology
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com