Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25512N-SH-T Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25512N-SH-T
Description  SPI Serial EEPROM 512K (65,536 x 8)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25512N-SH-T Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25512N-SH-T Datasheet HTML 2Page - ATMEL Corporation AT25512N-SH-T Datasheet HTML 3Page - ATMEL Corporation AT25512N-SH-T Datasheet HTML 4Page - ATMEL Corporation AT25512N-SH-T Datasheet HTML 5Page - ATMEL Corporation AT25512N-SH-T Datasheet HTML 6Page - ATMEL Corporation AT25512N-SH-T Datasheet HTML 7Page - ATMEL Corporation AT25512N-SH-T Datasheet HTML 8Page - ATMEL Corporation AT25512N-SH-T Datasheet HTML 9Page - ATMEL Corporation AT25512N-SH-T Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
5165E–SEEPR–8/08
AT25512
ground and still be able to write to the status register. All WP pin functions are enabled when the
WPEN bit is set to “1”.
Figure 2-1.
SPI Serial Interface
3.
Functional Description
The AT25512 is designed to interface directly with the synchronous serial peripheral interface
(SPI) of the 6800 type series of microcontrollers.
The AT25512 utilizes an 8-bit instruction register. The list of instructions and their operation
codes are contained in see Table 4-3. All instructions, addresses, and data are transferred with
the MSB first and start with a high-to-low CS transition.
AT25512


Similar Part No. - AT25512N-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25512 ATMEL-AT25512 Datasheet
398Kb / 17P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
More results

Similar Description - AT25512N-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
logo
ACE Technology Co., LTD...
ACE25GD512 ACE-ACE25GD512 Datasheet
182Kb / 3P
   SPI 512K Bits Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
logo
ATMEL Corporation
AT24C512C-XHM-B ATMEL-AT24C512C-XHM-B Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
AT24C512C-SSHM-T ATMEL-AT24C512C-SSHM-T Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
logo
Microchip Technology
AT24C512C MICROCHIP-AT24C512C Datasheet
1Mb / 43P
   I짼C-Compatible (Two-Wire) Serial EEPROM 512?멚bit (65,536 x 8)
2019-2021
logo
STMicroelectronics
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com