Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25512N-SH-B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT25512N-SH-B
Description  SPI Serial EEPROM 512K (65,536 x 8)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25512N-SH-B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25512N-SH-B Datasheet HTML 5Page - ATMEL Corporation AT25512N-SH-B Datasheet HTML 6Page - ATMEL Corporation AT25512N-SH-B Datasheet HTML 7Page - ATMEL Corporation AT25512N-SH-B Datasheet HTML 8Page - ATMEL Corporation AT25512N-SH-B Datasheet HTML 9Page - ATMEL Corporation AT25512N-SH-B Datasheet HTML 10Page - ATMEL Corporation AT25512N-SH-B Datasheet HTML 11Page - ATMEL Corporation AT25512N-SH-B Datasheet HTML 12Page - ATMEL Corporation AT25512N-SH-B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
5165E–SEEPR–8/08
AT25512
Protection Level. During an internal write cycle, all commands will be ignored except the RDSR
instruction.
A Write Instruction requires the following sequence. After the CS line is pulled low to select the
device, the Write op-code is transmitted via the SI line followed by the byte address and the data
(D7 – D0) to be programmed (see Table 3-6). Programming will start after the CS pin is brought
high. (The Low-to-High transition of the CS pin must occur during the SCK low time immediately
after clocking in the D0 (LSB) data bit.
The Ready/Busy status of the device can be determined by initiating a Read Status Register
(RDSR) Instruction. If Bit 0 = 1, the Write cycle is still in progress. If Bit 0 = 0, the Write cycle has
ended. Only the Read Status Register instruction is enabled during the Write programming
cycle.
The AT25512 is capable of a 128-byte Page Write operation. After each byte of data is received,
the seven low order address bits are internally incremented by one; the high order bits of the
address will remain constant. If more than 128 bytes of data are transmitted, the address coun-
ter will roll over and the previously written data will be overwritten. The AT25512 is automatically
returned to the write disable state at the completion of a Write cycle.
NOTE: If the device is not write enabled (WREN), the device will ignore the Write instruction
and will return to the standby state, when CS is brought high. A new CS falling edge is required
to re-initiate the serial communication.
Table 3-6.
Address Key
Address
AT25512
AN
A15 −A0


Similar Part No. - AT25512N-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25512 ATMEL-AT25512 Datasheet
398Kb / 17P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
More results

Similar Description - AT25512N-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
logo
ACE Technology Co., LTD...
ACE25GD512 ACE-ACE25GD512 Datasheet
182Kb / 3P
   SPI 512K Bits Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
logo
ATMEL Corporation
AT24C512C-XHM-B ATMEL-AT24C512C-XHM-B Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
AT24C512C-SSHM-T ATMEL-AT24C512C-SSHM-T Datasheet
960Kb / 21P
   I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit (65,536 x 8)
logo
Microchip Technology
AT24C512C MICROCHIP-AT24C512C Datasheet
1Mb / 43P
   I짼C-Compatible (Two-Wire) Serial EEPROM 512?멚bit (65,536 x 8)
2019-2021
logo
STMicroelectronics
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com