Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C01B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C01B_08 Datasheet HTML 1Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 2Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 3Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 4Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 5Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 6Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 7Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 8Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
5156E–SEEPR–10/08
AT24C01B
Figure 0-1.
Block Diagram
Absolute Maximum Ratings
Operating Temperature..................................–55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature .....................................–65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .................................... –1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
START
STOP
LOGIC
VCC
GND
WP
SCL
SDA
A
2
A
1
A
0
SERIAL
CONTROL
LOGIC
EN
H.V. PUMP/TIMING
EEPROM
DATA RECOVERY
SERIAL MUX
D
OUT/ACK
LOGIC
COMP
LOAD
INC
DATA WORD
ADDR/COUNTER
Y DEC
R/W
D
OUT
D
IN
LOAD
DEVICE
ADDRESS
COMPARATOR


Similar Part No. - AT24C01B_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
More results

Similar Description - AT24C01B_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com